Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC/SS-G Datasheet(PDF) 19 Page - Parallax Inc

Part # SX20AC/SS-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS-G Datasheet(HTML) 19 Page - Parallax Inc

Back Button SX20AC/SS-G Datasheet HTML 15Page - Parallax Inc SX20AC/SS-G Datasheet HTML 16Page - Parallax Inc SX20AC/SS-G Datasheet HTML 17Page - Parallax Inc SX20AC/SS-G Datasheet HTML 18Page - Parallax Inc SX20AC/SS-G Datasheet HTML 19Page - Parallax Inc SX20AC/SS-G Datasheet HTML 20Page - Parallax Inc SX20AC/SS-G Datasheet HTML 21Page - Parallax Inc SX20AC/SS-G Datasheet HTML 22Page - Parallax Inc SX20AC/SS-G Datasheet HTML 23Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 19 of 51
Rev 1.6 11/20/2006
7.0
POWER DOWN MODE
The power down mode is entered by executing the
SLEEP instruction.
In power down mode, only the Watchdog Timer (WDT)
is active. If the Watchdog Timer is enabled, upon
execution of the SLEEP instruction, the Watchdog Timer
is cleared, the TO (time out) bit is set in the STATUS
register, and the PD (power down) bit is cleared in the
STATUS register.
There are three different ways to exit from the power
down mode: a timer overflow signal from the Watchdog
Timer (WDT), a valid transition on any of the Multi-Input
Wakeup pins (Port B pins), or through an external reset
input on the MCLR pin. To achieve the lowest possible
power consumption, the Watchdog Timer should be
disabled and the device should exit the power down mode
through the Multi-Input Wakeup (MIWU) pins or an
external reset.
7.1.
Multi-Input Wakeup
Multi-Input Wakeup is one way of causing the device to
exit the power down mode. Port B is used to support this
feature.
The WKEN_B register (Wakeup Enable Regis ter) allows
any Port B pin or combination of pins to cause the
wakeup. Clearing a bit in the WKEN_B register enables
the wakeup on the corresponding Port B pin. If multi-
input wakeup is selected to cause a wakeup, the trigger
condition on the selected pin can be either rising edge
(low to high) or falling edge (high to low). The WKED_B
register (Wakeup Edge Select) selects the desired
transition edge. Setting a bit in the WKED_B register
selects the falling edge on the corresponding Port B.
Clearing the bit selects the rising edge. The WKEN_B
and WKED_B registers are set to FFh upon reset.
Once a valid transition occurs on the selected pin, the
WKPND_B register (Wakeup Pending Register) latches
the transition in the corresponding bit position. A logic ‘1’
indicates the occurrence of the selected trigger edge on
the corresponding Port B pin.
Upon exiting the power down mode, the Multi-Input
Wakeup logic causes program counter to branch to the
maximum program memory address (same as reset).
Figure 7-1 shows the Multi-Input Wakeup block diagram.
Figure 7-1: Multi-Input Wakeup Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com