Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC/SS-G Datasheet(PDF) 35 Page - Parallax Inc

Part # SX20AC/SS-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS-G Datasheet(HTML) 35 Page - Parallax Inc

Back Button SX20AC/SS-G Datasheet HTML 31Page - Parallax Inc SX20AC/SS-G Datasheet HTML 32Page - Parallax Inc SX20AC/SS-G Datasheet HTML 33Page - Parallax Inc SX20AC/SS-G Datasheet HTML 34Page - Parallax Inc SX20AC/SS-G Datasheet HTML 35Page - Parallax Inc SX20AC/SS-G Datasheet HTML 36Page - Parallax Inc SX20AC/SS-G Datasheet HTML 37Page - Parallax Inc SX20AC/SS-G Datasheet HTML 38Page - Parallax Inc SX20AC/SS-G Datasheet HTML 39Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 35 of 51
Rev 1.6 11/20/2006
16.0 NATIVE SX INSTRUCTION SET SUMMARY TABLES
Table 16-1 through Table 16-6 list all of the native
assembly instructions, organized by category. For each
instruction, the table shows the instruction mnemonic (as
written in assembly language), a brief description of what
the instruction does, the number of instruction cycles
required for execution, the binary opcode, and the status
bits affected by the instruction.
The “Clock Cycles (Turbo)” column typically shows a
value of 1, which means that the overall throughput for
the instruction is one per clock cycle. Exceptions include
program control branch instructions, which take 3 clock
cycles, and the system control instruction IREAD, which
takes 4.
In some cases, the exact number of cycles depends on the
outcome of the instruction (such as the test-and-skip
instructions) or the clocking mode (Slow or Turbo). In
those cases, all possible numbers of cycles are shown in
the table. The instruction execution time is derived by
dividing the oscillator frequency by either one (Turbo
mode) or four (Slow). The divide-by factor is selected
through the FUSE Word register.
A superset of these instructions are available in the SASM
assembler of the SX-Key IDE, and supported by the SX
Key User’s Manual. Both are available for free download
from www.parallax.com/sx.
Table 16-1: Native SX Instruction Set: Logical Operands
Mnemonic,
Operands
Description
Clock Cycles
(Slow Mode)
Clock Cycles
(Turbo)
Opcode
Bits
Affected
AND fr,W
AND of fr and W into fr (fr = fr & W)
4
1
0001 011f ffff
Z
AND W,fr
AND of W and fr into W (W = W & fr)
4
1
0001 010f ffff
Z
AND W,#lit
AND of W and Literal into W (W = W &b lit)
4
1
1110 kkkk kkkk
Z
NOT fr
Complement of fr into fr (fr = fr ^ FFh)
4
1
0010 011f ffff
Z
OR fr,W
OR of fr and W into fr (fr = fr | W)
4
1
0001 001f ffff
Z
OR W,fr
OR of W and fr in to fr (W – W | fr)
4
1
0001 000f ffff
Z
OR w,#lit
Or of W and Literal into W (W = W | lit)
4
1
1101 kkkk kkkk
Z
XOR fr,W
XOR of fr and W into fr (fr = fr ^ W)
4
1
0001 101f ffff
Z
XOR W,fr
XOR of W and fr into W (W = W ^ fr)
4
1
0001 100f ffff
Z
XOR W,#lit
XOR of W and Literal into W (W = W ^ lit)
4
1
1111 kkkk kkkk
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com