Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC/SS-G Datasheet(PDF) 42 Page - Parallax Inc

Part # SX20AC/SS-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS-G Datasheet(HTML) 42 Page - Parallax Inc

Back Button SX20AC/SS-G Datasheet HTML 38Page - Parallax Inc SX20AC/SS-G Datasheet HTML 39Page - Parallax Inc SX20AC/SS-G Datasheet HTML 40Page - Parallax Inc SX20AC/SS-G Datasheet HTML 41Page - Parallax Inc SX20AC/SS-G Datasheet HTML 42Page - Parallax Inc SX20AC/SS-G Datasheet HTML 43Page - Parallax Inc SX20AC/SS-G Datasheet HTML 44Page - Parallax Inc SX20AC/SS-G Datasheet HTML 45Page - Parallax Inc SX20AC/SS-G Datasheet HTML 46Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 42 of 51
Rev 1.6 11/20/2006
17.3. AC Characteristics
SX20/28AC at 75 MHz(Temp Range: 0°C <= Ta <= +70°C)
SX20/28AC at 50 MHz (Temp Range: -40°C <= Ta <= +85°C)
Symbol
Parameter
Min
Typ
Max
Units
Condition
Fosc
External CLKIN Frequency
DC
-
32
1.0
4.0
10
24
50
75
kHz
MHz
MHz
MHz
MHz
MHz
MHz
LP1
LP2
RC
XT1
XT2
HS1/HS2/HS3
HS3
Oscillator Frequency
DC
0.032
DC
0.032
1.0
1.0
1.0
-
32
1.0
4.0
10.0
24.0
50
75
kHz
MHz
MHz
MHz
MHz
MHz
MHz
LP1
LP2
RC
XT1
XT2
HS1/HS2/HS3
HS3
Tosc
External CLKIN Period
31.25
1.0
250
100
41.7
20
13.3
-
-
µs
µs
ns
ns
ns
ns
ns
LP1
LP2
RC
XT1
XT2
HS1/HS2/HS3
HS3
Oscillator Period
31.25
1.0
250
0.1
41.7
20
13.3
-
-
31.25
-
31.25
1000.0
1000.0
-
µs
µs
µs
µs
ns
ns
ns
LP1
LP2
RC
XT1
XT2
HS1/HS2/HS3
HS3
TosL, TosH
Clock in (OSC1) Low or High Time
2.0
50
8.0
5.3
-
-
µs
ns
ns
ns
LP1/LP2
XT1/XT2
HS1/HS2/HS3
HS3
Note: Data in the Typical (“TYP”) column is at 25 °C unless otherwise stated.
17.4. Comparator DC and AC Specifications
(50 MHz and 75 MHz Operation)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
0.4 V < Vin < Vdd – 1.5 V
+/- 10
+/- 25
mV
Input Common Mode Voltage Range
0.4
Vcc - 1.3
V
Voltage Gain
300 k
V/V
DC Supply Current (enabled)
Vdd = 5.5 V
120
µA
Response Time
Voverdrive = 25 mV
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com