| Electronic Components Datasheet Search |
|
ES9016K2M Datasheet(PDF) 5 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9016K2M Datasheet(HTML) 5 Page - ESS Technology,Inc |
|
5 / 38 page ![]() March 26, 2021 3.2 ES9016K2M Datasheet 5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643- 8800 • www.esstech.com FUNCTIONAL DESCRIPTION NOTATATIONS for Sampling Rates Mode fs (target sample rate) FSR (raw sample rate) DSD DATA_CLK / 64 DSD data rate Serial (PCM) Normal Mode Frame Clock Rate Frame Clock Rate Serial (PCM) OSF Bypass Mode Frame Clock Rate / 8 Frame Clock Rate SPDIF SPDIF Sampling Rate SPDIF Sampling Rate PCM, SPDIF and DSD Pin Connections PCM Audio Format Notes: XI clock (MCLK) must be > 192 x FSR when using PCM input (normal mode), or 128 x FSR (synchronous MCLK). XI clock (MCLK) must be > 24 x FSR when using PCM input (OSF bypass mode). Pin Name Description DATA1 Frame clock DATA2 2-channel PCM serial data DATA_CLK Bit clock for PCM audio format Master Mode (32-bit data only) W hen Register #1 ‘input_select’ is set to 2’d0 (I2S) and ‘i2s_length’ is set to 2’d2 (32-bit), the DAC can become a master for Bit Clock and Frame Clock by setting Register #9 ‘master clock enable’ to 1’b1. The Bit Clock frequency can be configured to MCLK / 4, MCLK / 8 or MCLK / 16 by setting Register #9 ‘clock divider select’ to 2’b00, 2’b01 or 2’b10. GPIO 1 can be configured to output MCLK by setting Register #8 gpio1_cfg to 4’d3. DATA_CLK DATA1 DATA2 SIN (Serial PCM Data) ES901xK2M DATA_CLK DATA1 DATA2 ES901xK2M GPIO1 MCLK (Master Clock) SLAVE PCM MODE MASTER PCM MODE BCLK (Bit Clock) LRCLK (Frame Clock) BCLK (Bit Clock) LRCLK (Frame Clock) SIN (Serial PCM Data) SPDIF Audio Formant Note: XI clock (MCLK) must be > 386 x FSR when using SPDIF input. Up to four SPDIF inputs can be connected to the 4-to- 1 mux, selectable via register “spdif_sel”. SPDIF can also be sourced from a GPIO pin configured as input. Pin Name Description GPIO1 SPDIF input 4 DATA1 SPDIF input 3 DATA2 SPDIF input 2 DATA_CLK SPDIF input 1 DSD Audio Format Note: XI clock (MCLK) must be > 3 x FSR when using DSD input. Pin Name Description DATA[1:2] 2-channel DSD data input DATA_CLK Bit clock for DSD data input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |