Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ZONE0
ZONE1
ZONE2
ZONE3
ZONE4
5
10
15
20
25
30
35
40
45
50
55
60
THE END OF THE
COUNTDOWN PERIOD
TIMER PERIOD
STARTED
TIMER PERIOD
STARTED
TIMER PERIOD
STARTED
TIMER PERIOD
STARTED
ELAPSED TIME (s)
THE END OF THE
COUNTDOWN
PERIOD
1000
0
LOW INTENSITY
HIGH INTENSITY
750
500
250
Z0
Z1
Z2
Z3
Z4
Z0
Z1
Z2
Z3
Z4
LIGHT INTENSITY INCREASES
LIGHT INTENSITY DECREASES
t0-1
t1-2
t2-3
t3-2
t3-4
LOW-to-HIGH gain
transition
HIGH-to-LOW gain
transition
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
(1)
The higher X-axis is for increasing light intensity, while the lower axis is for decreasing light intensity.
A.
There are some limits in Zone transitions when the autogain is enabled; for example, a direct transition from the
lowest Zone0 to the highest Zone4 (and vice versa) is not possible, because the device must go through the gain
change process first.
Figure 19. ALS Zone transitions with AutoGain.
Countdown Timer
The ALS engine includes a pre-defined countdown timer function. This function is targeted to applications where
it's favorable to only increase through the zones; i.e., the LM3538 will stick to the highest zone reached, but won't
allow transitions to lower Zones until the countdown has completed. At the end of every countdown, the timer
sets the countdown timerflag (reg 40H), and after that, any Zone transition to a lower Zone re-loads the timer and
starts the next timer period. See Table 3 and Figure 20 for details.
Table 3. Countdown Timer
Pre-defined Countdown Timer Function
TIMER[1]
TIMER[0]
Timer Function
0
0
Countdown timer is disabled
0
1
10s countdown timer is enabled (stick to the
highest zone for 10s).
1
0
Always stick to the highest zone the ALS
reached.
1
1
Always stick to the highest zone the ALS
reached.
Solid line shows the ALS operation when the timer is disabled. Dashed line shows the operation when the 10s timer
is enabled. Dotted line shows the operation when the device sticks to the highest zone.
Figure 20. Countdown Timer Principle.
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com