Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
PASS
ELEMENT
VREF
NOISE
SUPPRESSION
VOLTAGE
CONTROL
VIN_C
VIN_B
REGULATED
OUTPUT
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Table 4. Regulator Voltage Options (continued)
LDOX_VOUT[4]
LDOX_VOUT[3]
LDOX_VOUT[2]
LDOX_VOUT[1]
LDOX_VOUT[0]
Output Voltage
(typ.)
1
0
1
1
1
2.75V
1
0
1
1
0
2.70V
1
0
1
0
1
2.65V
1
0
1
0
0
2.60V
1
0
0
1
1
2.55V
1
0
0
1
0
2.50V
1
0
0
0
1
2.40V
1
0
0
0
0
2.20V
0
1
1
1
1
2.00V
0
1
1
1
0
1.90V
0
1
1
0
1
1.85V
0
1
1
0
0
1.80V
0
1
0
1
1
1.75V
0
1
0
1
0
1.70V
0
1
0
0
1
1.65V
0
1
0
0
0
1.60V
0
0
1
1
1
1.55V
0
0
1
1
0
1.50V
0
0
1
0
1
1.45V
0
0
1
0
0
1.40V
0
0
0
1
1
1.35V
0
0
0
1
0
1.30V
0
0
0
0
1
1.25V
0
0
0
0
0
1.20V
The power input voltage applied between VIN_C and GND should be at least 0.3V above the output voltage of the
regulators. The bias input voltage applied between VIN_B and GND should be equal to VIN_A, and at least 0.3V
above the output voltage of the regulators.
(1)
VIN_B supplies internal circuitry.
(2)
VIN_C, the power input voltage, is regulated to the fixed output voltage.
Figure 21. LDO Block Diagram.
18
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com