Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ILED (mA) | 25 x 0.85
[44 ± {(N+1)/2.91}]
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
Table 5. Control Register Map (continued)
Hex
Read/W
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Addr.
rite
After Reset
GROUP A
dxa
A0
[6:0]
R/W
x0000000
BRIGHTNESS
Sets Brightness for Group A. 128 steps, 1111111 = Fullscale.
alsZT
[5:3]
R/W
xx000xxx
Sets the Brightness Zone boundary used to enable and disable
GROUP B
Group B diodes based upon ambient lighting conditions.
B0
BRIGHTNESS
dxb
[2:0]
R/W
xxxxx000
Sets Brightness for Group B. 8 steps, 111 = Fullscale.
en_ldo4
[3]
R/W
xxxx0xxx
'1' = Regulator 4 enabled.
'0' = Regulator 4 disabled.
en_ldo3
[2]
R/W
xxxxx0xx
'1' = Regulator 3 enabled.
'0' = Regulator 3 disabled.
C0
LDO ENABLE
en_ldo2
[1]
R/W
xxxxxx0x
'1' = Regulator 2 enabled.
'0' = Regulator 2 disbaled.
en_ldo1
[0]
R/W
xxxxxxx0
'1' = Regulator 1 enabled.
'0' = Regulator 1 disbaled.
ldo1_vout
C1
LDO1 VOUT
[4:0]
R/W
xxx11000
Regulator 1 output voltage programming. See Table 4 for voltage
options.
ldo2_vout
C2
LDO2 VOUT
[4:0]
R/W
xxx01100
Regulator 2 output voltage programming.
ldo3_vout
C3
LDO3 VOUT
[4:0]
R/W
xxx01100
Regulator 3 output voltage programming.
ldo4_vout
C4
LDO4 VOUT
[4:0]
R/W
xxx11000
Regulator 4 output voltage programming.
Current Control Registers
A0 GROUP A BRIGHTNESS
This is the LED driver current control register for Group A. The register is effective when the ALS isn't used. The
resolution is 7 bits, so in linear dimming mode the step size from zero up to full brightness is fixed (25.0mA/127)
= 197µA. Exponential dimming scheme provides a more fine-grained level of control over low level LED currents.
Group A exponential dimming curve current can be approximated by the following equation (where N = the
decimal value stored in the Group A Brightness register):
Current vs. code is shown below.
Figure 25. LED current (typ.) vs. register code, exponential dimming curve
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com