Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Table 5. Control Register Map (continued)
Hex
Read/W
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Addr.
rite
After Reset
autogain_en
'1' = Enables autogain for the external ambient light sensor.
[7]
R/W
0xxxxxxx
'0' = disables autogain and GPO's are controlled by the gpo1 and
gpo2 -bits. See Table 2 for details.
sbias_en
'1' = External sensor power output enabled.
'0' = External sensor power output disbaled.
[6]
R/W
x0xxxxxx
Note: '1' -> GPOs will behave as push-pull CMOS outputs
referenced to voltage on SBIAS. '0' -> GPOs will act as open-drain
outputs (default).
sbias_volt
Sensor bias output voltage selection.
[5]
R/W
xx0xxxxx
'1' = 3.0V output voltage.
'0' = 2.4V output voltage.
cp_en
52
ALS CONFIG
Writing = '1' to this register bit enables the Charge-Pump block.
[3]
R/W
xxxx0xxx
Forces the LM3538 to operate in the gain of 1.5x. This mode DOES
NOT require the Dx current sinks to be enabled for operation.
pass_en
Writing = '1' to this register bit forces the LM3538 to operate in the
[2]
R/W
xxxxx0xx
gain of 1x (pass-mode). This mode DOES NOT require the Dx
current sinks to be enabled for operation. Note: 1.5x gain (cp_en bit)
has a higher priority.
gpo1
'0' = GPO1 pin state is low. '1' = GPO1 pin state is high. Effective
[1]
R/W
xxxxxx0x
only when the autogain is disabled.
(1)
gpo2
'0' = GPO2 pin state is low. '1' = GPO2 pin state is high. Effective
[0]
R/W
xxxxxxx0
only when the autogain is disabled.
(1)
ALS ZONE
zb0
60
[7:0]
R/W
00110011
BOUNDARY#0
Sets Zone0 to Zone1 transition trip point
ALS ZONE
zb1
61
[7:0]
R/W
01100110
BOUNDARY#1
Sets Zone1 to Zone2 transition trip point
ALS ZONE
zb2
62
[7:0]
R/W
10011001
BOUNDARY#2
Sets Zone2 to Zone3 transition trip point
ALS ZONE
zb3
63
[7:0]
R/W
11001100
BOUNDARY#3
Sets Zone3 to Zone4 transition trip point
LtoH
ALS LOW to HIGH
64
[7:0]
R/W
00001011
Sets the trip point for low gain to high gain transition. Effective only
TP
when autogain = '1'.
ALS ZONE
zb3to2
65
BOUNDARY Z3 to
[7:0]
R/W
00010000
Zone3 to Zone2 transition trip point when the autogain is enabled.
Z2
ALS BRIGHTNESS
z0b
70
[6:0]
R/W
x0111100
ZONE#0
Sets the Zone Brightness code for Zone0.
ALS BRIGHTNESS
z1b
71
[6:0]
R/W
x1001101
ZONE#1
Sets the Zone Brightness code for Zone1.
ALS BRIGHTNESS
z2b
72
[6:0]
R/W
x1011001
ZONE#2
Sets the Zone Brightness code for Zone2.
ALS BRIGHTNESS
z3b
73
[6:0]
R/W
x1100110
ZONE#3
Sets the Zone Brightness code for Zone3.
ALS BRIGHTNESS
z4b
74
[6:0]
R/W
x1110010
ZONE#4
Sets the Zone Brightness code for Zone4.
(1)
VOUT_S = SBIAS pin output voltage. The voltage level of the GPOs depends on the sbias_en-bit: '1'; GPOs will behave as push-pull
outputs and will reference the high-side to the voltage of SBIAS. '0'; GPOs will act as open-drain outputs (default). In the open-drain
configuration, they can be high-side referenced to any voltage equal or less than the VIN_A of the LM3538. Output High Level (VOH)
specification is valid only for push-pull -type outputs.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com