Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB.B Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3535TMX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 22Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Vdd
Vsns
LED Driver
Brightness
ALS Select
1
0
VOUT
Zone
Discriminator
4
ALS Path Functional Diagram
bits 8
ALSRS
ALS Resistor
Select Register
8 bits
A/D
Averager
(LPF)
Ramp
Control
7 bits
7 bits
7 bits
3 bits
3 bits
Ramp-Down
Rate
Selection
Ramp-Up
Rate
Selection
7 bits
User Selectable w/
Typical Defaults
User Selectable w/
Typical Defaults
Light output
targets for
each of 5
ambient
light zones
Input Light
Zone
Definition
Registers
Z4 target light
3 Zline
2 Zline
1 Zline
0 Zline
3
Z3 target light
2
Z2 target light
1
Z1 target light
0
Z0 target light
20
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Ambient Light Sensing
8.2.2.1.1
Ambient Light Sensor Block
The LM3535 incorporates an ambient light sensing interface (ALS) which translates an analog output ambient
light sensor to a user specified brightness level. The ambient light sensing circuit has 4 programmable
boundaries (ZB0 – ZB3) which define 5 ambient brightness zones. Each ambient brightness zone corresponds to
a programmable brightness threshold (Z0T – Z4T).
Furthermore, the ambient light sensing input features 15 internal software-selectable voltage setting resistors.
This allows the LM3535 the capability of interfacing with a wide selection of ambient light sensors. Additionally,
the ALS inputs can be configured as high impedance, thus providing for a true shutdown during low power
modes. The ALS resistors are selectable through the ALS Resistor Select Register (see Table 2). Figure 30
shows a functional block diagram of the ambient light sensor input.
Figure 30. Ambient Light Sensor Functional Block Diagram
8.2.2.1.2
ALS Operation
The ambient light sensor input has a 0 to 1 V operational input voltage range. The Specifications shows the
LM3535 with an ambient light sensor (AVAGO, APDS-9005) and the internal ALS Resistor Select Register set to
0x40 (2.32 k
Ω). This circuit converts 0 to 1000 LUX light into approximately a 0 to 850 mV linear output voltage.
The voltage at the active ambient light sensor input is compared against the 8 bit values programmed into the
Zone Boundary Registers (ZB0-ZB3). When the ambient light sensor output crosses one of the ZB0 – ZB3
programmed thresholds the internal ALS circuitry will smoothly transition the LED current to the new 7 bit
brightness level as programmed into the appropriate Zone Target Register (Z0T – Z4T, see Figure 28).
With bits [6:4] of the Configuration Register set to 1 (Bit6 = ALS Block Enable, Bit5 = BankB ALS Enable, Bit4 =
BankA ALS Enable), the LM3535 is configured for ambient light current Control. In this mode the ambient light
sensing input (ALS) monitors the output of analog output ambient light sensing photo diode and adjusts the LED
current depending on the ambient light. The ambient light sensing circuit has 4 configurable ambient light
boundaries (ZB0 – ZB3) programmed through the four (8-bit) Zone Boundary Registers. These zone boundaries
define 5 ambient brightness zones.
On start-up the 4 Zone Boundary Registers are pre-loaded with 0x33 (51d), 0x66 (102d), 0x99 (153d), and 0xCC
(204d). The ALS input has a 1-V active input voltage range which makes the default Zone Boundaries approx.
set at:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com