Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3535TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical limits are TA = 25°C, and minimum and maximum limits in apply over the full operating temperature range (–30°C to
+85°C). Unless otherwise specified: VIN = 3.6 V; VHWEN = VIN; VPWM = 0 V; VDxA = VDxB = VDxC = 0.4 V; GroupA = GroupB =
GroupC = full-scale current; ENxA, ENxB, ENxC bits = 1; 53A, 62A bits = 0; C1 = C2 = CIN = COUT= 1 µF.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
SCL is tested with a 50% duty-cycle clock.
ROUT
Open-loop charge pump output
resistance
Gain = 3/2
2.4
Ω
Gain = 1
0.5
IQ
Quiescent supply current
Gain = 3/2, no load
2.86
4.38
mA
Gain = 1, no load
1.09
2.31
ISB
Standby supply current
2.7 V
≤ VIN ≤ 5.5 V
HWEN = VIN, all ENx bits = 0
1.7
4
µA
ISD
Shutdown supply current
2.7 V
≤ VIN ≤ 5.5 V
HWEN = 0 V, All ENx bits = 0
1.7
4
µA
fSW
Switching frequency
1.1
1.33
1.56
MHz
tSTART
Start-up time
VOUT = 90% steady state
250
µs
VALS
ALS reference voltage accuracy
0.95
(–5%)
1
1.05
5%
V
RALS
ALS resistor accuracy
RALS = 9.08 kΩ
–9%
9%
RALS = 5.46 kΩ
–9%
9%
VHWEN
HWEN voltage thresholds
2.7 V
≤ VIN ≤ 5.5 V
Reset
0
0.45
V
Normal
operation
1.2
VIN
VPWM
PWM voltage thresholds
2.7 V
≤ VIN ≤ 5.5 V
Diodes off
0
0.45
V
Diodes on
1.2
VIN
VOL-INT
Interrupt output logic low 0
ILOAD = 3 mA
400
mV
I2C-COMPATIBLE INTERFACE VOLTAGE SPECIFICATIONS (SCL, SDIO)
VIL
Input logic low 0
2.7 V
≤ VIN ≤ 5.5 V
0
0.45
V
VIH
Input logic high 1
2.7 V
≤ VIN ≤ 5.5 V
1.2
VIN
V
VOL
SDIO output logic low 0
ILOAD = 3 mA
400
mV
I2C-COMPATIBLE INTERFACE TIMING SPECIFICATIONS (SCL, SDIO)
t1
SCL (clock period)
See(6)
2.5
µs
t2
Data in setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDIO low setup time to SCL low
(start)
100
ns
t5
SDIO high hold time after SCL high
(stop)
100
ns
Figure 1. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com