Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB.B Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SDIO
SCL
P
STO
condition
START condition
S
P
SCL
SDIO
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
12
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown
The LM3535 enters shutdown mode if HWEN pin is held low. In this mode, the LM3535 has a shutdown current
of 1.7 µA. I2C communication is not possible when in shutdown.
7.4.2 Standby
The LM3535 enters standby mode if HWEN pin is held high and when the ENx bits are set to 0. In this mode, the
LM3535 has a standby current of 1.7 µA. I2C communication is possible when in standby.
7.4.3 Active Mode
The LM3535 enters active mode if HWEN pin is held high and when any of the ENx bits are set to 1. When the
LM3535 is in pass-mode operation, the typical quiescent current drawn is 1.09 mA. When the LM3535 is in
boost-mode operation, the typical quiescent current drawn is 2.86 mA. I2C communication is possible when in
active mode.
7.5 Programming
7.5.1 I2C Compatible Interface
7.5.1.1 Data Validity
The data on SDIO line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when SCL is LOW.
Figure 17. Data Validity Diagram
A pullup resistor between the VIO line and SDIO of the controller must be greater than [(VIO – VOL) / 3 mA] to
meet the VOL requirement on SDIO. Using a larger pullup resistor results in lower switching current with slower
edges, while using a smaller pullup results in higher switching currents with faster edges.
7.5.1.2 Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as SDIO signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined as
the SDIO transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 18. Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com