Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5041AMTCX/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5041AMTCX/NOPB.B
Description  LM5041A Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041AMTCX/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LM5041AMTCX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM5041A
www.ti.com
SNVS350B – MARCH 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
100V
VCC to GND
16V
All Other Inputs to GND
-0.3 to 7V
Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
ESD Rating
2 kV
Wave
4 seconds
260°C
Lead Temperature(3)
Infrared
10 seconds
240°C
Vapor Phase
75 seconds
219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic TSSOP and WSON packages, visit www.ti.com/packaging.
Operating Ratings
(1)
VIN
15 to 90V
Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 26.7kΩ, RSET = 20kΩ) unless otherwise stated
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
VCC Reg
VCC Regulation
open circuit
8.7
9
9.3
V
VCC Current Limit
See(2)
15
25
mA
I-VIN
Startup Regulator
Leakage (external Vcc
VIN = 100V
145
500
µA
Supply)
Shutdown Current (Iin)
UVLO = 0V, VCC = open
350
450
µA
VCC Supply
VCC Under-voltage
VCC Reg -
Lockout Voltage (positive
VCC Reg - 275mV
V
400mV
going Vcc)
VCC Under-voltage
1.7
2.1
2.6
V
Hysteresis
Supply Current (ICC)
CL = 0
3
4
mA
Error Amplifier
GBW
Gain Bandwidth
3
MHz
DC Gain
80
dB
Input Voltage
VFB = COMP
0.735
0.75
0.765
V
COMP Sink Capability
VFB = 1.5V, COMP= 1V
4
8
mA
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Device thermal limitations may limit usable range.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com