Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5041AMTCX/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5041AMTCX/NOPB.B
Description  LM5041A Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041AMTCX/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM5041AMTCX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM5041A
www.ti.com
SNVS350B – MARCH 2005 – REVISED MARCH 2013
LM5041A Cascaded PWM Controller
Check for Samples: LM5041A
1
FEATURES
DESCRIPTION
The LM5041A PWM controller contains all of the
•
Internal Start-up Bias Regulator
features necessary to implement either current-fed or
•
Programmable Line Under-Voltage Lockout
voltage-fed push-pull or bridge power converters.
(UVLO) with Adjustable Hysteresis
These “Cascaded” topologies are well suited for
•
Current Mode Control
multiple output and higher power applications. The
LM5041A’s four control outputs include: the buck
•
Internal Error Amplifier with Reference
stage controls (HD and LD) and the push-pull control
•
Cycle-by-cycle Over-Current Protection
outputs (PUSH and PULL). Push-pull outputs are
•
Leading Edge Blanking
driven at 50% nominal duty cycle at one half of the
switching frequency of the buck stage and can be
•
Programmable Push-Pull Overlap or Dead
configured for either an overlap time (for current-fed
Time
applications) or a both-off time (for voltage-fed
•
Internal 1.5A Push-Pull Gate Drivers
applications). Push-pull stage MOSFETs can be
•
Programmable Soft-Start
driven directly from the internal gate drivers while the
buck stage requires an external driver such as the
•
Programmable Oscillator with Sync Capability
LM5102. The LM5041A includes a high-voltage start-
•
Precision Reference
up regulator that operates over a wide input range of
•
Thermal Shutdown
15V to 100V. The PWM controller is designed for
high-speed
capability
including
an
oscillator
frequency range up to 1 MHz and total propagation
APPLICATIONS
delays of less than 100ns. Additional features include:
•
Telecommunication Power Converters
line Under-Voltage Lockout (UVLO), soft-start, an
•
Industrial Power Converters
error amplifier, precision voltage reference, and
thermal shutdown.
•
Multi-Output Power Converters
•
+42V Automotive Systems
The two differences between the LM5041 and the
LM5041A are: No second level current limit in the 'A'
version No softstart (SS) shutdown comparator in the
'A' version.
PACKAGES
•
TSSOP-16
•
WSON-16 (5 mm × 5 mm) Thermally Enhanced
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5041AMTCX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041AMTCX/NOPB TI-LM5041AMTCX/NOPB Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
More results

Similar Description - LM5041AMTCX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
Cascaded PWM Controller
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
Cascaded PWM Controller
logo
Texas Instruments
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
LM5041 Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
LM5041A Cascaded PWM Controller
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
Cascaded PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com