Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5041AMTCX/NOPB.B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5041AMTCX/NOPB.B
Description  LM5041A Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041AMTCX/NOPB.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5041AMTCX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM5041A
www.ti.com
SNVS350B – MARCH 2005 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 26.7kΩ, RSET = 20kΩ) unless otherwise stated
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Buck Stage Outputs
Output High level
5 (VREF)
V
Output High Saturation
IOUT = 10mA, REF = VOUT
0.5
1
V
Output Low Saturation
IOUT = −10mA
0.5
1
V
Rise Time
CL = 100pF
10
ns
Fall Time
CL = 100pF
10
ns
Push-Pull Outputs
RSET = 20kΩ Connected to
Overlap Time
GND, 50% to 50%
60
90
120
ns
Transitions
RSET = 20kΩ Connected to
Dead Time
REF, 50% to 50%
65
95
125
ns
Transitions
Output High Saturation
IOUT = 50mA, VCC - VOUT
0.25
0.5
V
Output Low Saturation
IOUT = 100mA
0.5
1
V
Rise Time
CL = 1nF
20
ns
Fall Time
CL = 1nF
20
ns
Thermal Shutdown
TSD
Thermal Shutdown Temp.
165
°C
Thermal Shutdown
25
°C
Hysteresis
Thermal Resistance
θJA
TSSOP Package
125
°C/W
Junction to Ambient
WSON Package
32
°C/W
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com