Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5041AMTCX/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5041AMTCX/NOPB.B
Description  LM5041A Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041AMTCX/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5041AMTCX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5041AMTCX/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
10
30
50
70
90
110
0
100
200
300
400
500
RSET (k:)
10
30
50
70
90
110
0
100
200
300
400
500
RSET (k:)
-25
25
75
125
TEMPERATURE (
oC)
7
8
9
10
11
12
13
100
1000
1000
10000
100000
RT (:)
0
10
20
VIN (V)
0
5
10
15
20
5
15
VIN
VCC
0
5
10
15
20
25
0
2
4
6
8
10
ICC (mA)
VIN = 15V
LM5041A
SNVS350B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VCC and VIN vs VIN
VCC vs ICC
Figure 4.
Figure 5.
SS Pin Current vs Temp
Frequency vs RT
Figure 6.
Figure 7.
Overlap Time vs RSET
Dead Time vs RSET
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com