Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281TLX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP55281TLX/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
0
0.2
0.4
0.6
0.8
1. 0
1. 2
1.4
TIME( 200Ps/DIV)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
.
Control= 00 :)):00
3
VIN = 6V
I LOAD = 50 mA
15
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Magnetic Boost DC-DC Converter
7.3.1.1 Boost Standby Mode
User can stop the boost converter operation by writing the Enables register bit EN_BOOST low. When
EN_BOOST is written high, the converter starts for 10 ms in PFM mode and then goes to PWM mode.
7.3.1.2 Boost Output Voltage Control
User can control the Boost output voltage by boost output 8-bit register.
BOOST OUTPUT [7:0] Register 0Fh
BOOST OUTPUT VOLTAGE (TYPICAL)
Bin
Hex
0000 0000
00
4 V
0000 0001
01
4.25 V
0000 0011
03
4.4 V
0000 0111
07
4.55 V
0000 1111
0F
4.7 V
0001 1111
1F
4.85 V
0011 1111
3F
5 V (default)
0111 1111
7F
5.15 V
1111 1111
FF
5.3 V
Figure 11. Boost Output Voltage Control
7.3.1.3 Boost Frequency Control
Register-frequency selections (address 10h). Register default value after reset is 07h.
FRQ_SEL[2:0]
FREQUENCY
1XX
2 MHz
01X
1.67 MHz
001
1 MHz
7.3.2 Functionality of RGB LED Outputs (R1-4, G1-4, B1-4)
The LP55281 device has 4 sets of RGB/color LED outputs. Each set has 3 outputs, which can be controlled
individually with a 6-bit PWM control register. The pulsed current level for each LED output is set with a single
external resistor RRGB and a 2-bit coarse adjustment bit for each LED output (see Table 1 and Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com