Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281TLX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP55281TLX/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 21Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
ALED[7:0]
EN_ALED
8-Bit IDAC
19
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 6. Typical Gain Values vs Audio Input Amplitude
AUDIO INPUT AMPLITUDE mVP-P
GAIN VALUE (dB)
0 to 10
0
0 to 20
–6
0 to 40
–12
1 to 85
–18
3 to 170
–24
5 to 400
–31
10 to 800
–37
20 to 1600
–46
7.3.3.2 ALED Driver
The LP55281 device has a single ALED driver. It is a constant current sink with an 8-bit control. ALED driver can
be used as a DC current sink or an audio synchronized current sink. Note, that when the audio synchronization
function is enabled, the 8-bit current control register has no effect.
ALED driver is enabled when audio synchronization is enabled (EN_SYNC = 1) or when ALED[7:0] control byte
has other than 00h value.
Figure 14. ALED Driver
7.3.3.2.1
Adjustment of ALED Driver
Adjustment of the ALED driver current (Register 0Ch) is described in Table 7.
Table 7. ALED Driver Current
ALED[7:0]
DRIVER CURRENT, mA (typical)
0000 0000
0
0000 0001
0.06
0000 0010
0.1
...
...
1111 1101
14.8
1111 1110
14.9
1111 1111
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com