Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LP55281TLX/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
1 / fPWM
R1
G1
B1
R2
G2
B2
R3
G3
B3
R4
G4
B4
17
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Each RGB set has equivalent internal PWM timing between R, G, and B: R has a fixed start time, G has a fixed
mid-pulse time, and B has a fixed-pulse end time. PWM start time for each RGB set is different in order to
minimize the instantaneous current loading due to the current sink switch on transition. See Figure 12 for details.
Figure 12. Timing Diagram
7.3.3 Audio Synchronization
The ALED output can be synchronized to incoming audio with an audio-synchronization feature. Audio
synchronization synchronizes ALED based on the peak amplitude of the input signal. Programmable gain and
automatic gain control function are also available for adjustment of input signal amplitude to light response.
Control of ALED brightness refreshing frequency is done with four different frequency configurations. The
digitized input signal has DC component that is removed by a digital DC-remover (–3 dB at 500 Hz). LP55281
has a 2-channel audio (stereo) input for audio synchronization, as shown in Figure 13. The inputs accept signals
in the range of 0 V to 1.6 V peak-to-peak, and these signals are mixed into a single wave so that they can be
filtered simultaneously.
LP55281 audio synchronization is mainly realized digitally, and it consists of the following signal path blocks (see
Figure 13):
•
Input buffer
•
AD converter
•
Automatic gain control (AGC) and manually programmable gain
•
Peak detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com