Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281TLX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LP55281TLX/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
1.0
7.8
14.6
21.4
28.2
35.0
LOAD CURRENT (mA)
90.0
74.0
58.0
42.0
26.0
10.0
Autoload ON
Autoload OFF
90.0
74.0
58.0
42.0
26.0
10.0
34
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 31. Efficiency at Low Load vs Autoload
8.3 Initialization Set Up Example
The following table gives an example initialization sequence to illustrate the various LED and Boost configuration
options. Not every feature of the LP55281 is configured in this example.
Table 11. Initialization Example
ADDRESS
DATA
REGISTER
COMMENT
60h
00h
RESET
Execute software reset to initialize LP55281
00h
3Fh
RED 1
IPLS = 0 (25% IRGB), PWM = 100%
01h
5Fh
GREEN1
IPLS = 1 (50% IRGB), PWM = 50%
02h
90h
BLUE1
IPLS = 2 (75% IRGB), PWM = 25.4%
03h
C8h
RED 2
IPLS = 3 (100% IRGB), PWM = 12.7%
04h
1Fh
GREEN2
IPLS = 0 (25% IRGB), PWM = 50%
05h
10h
BLUE2
IPLS = 0 (25% IRGB), PWM = 25.4%
06h
07h
RED 3
IPLS = 0 (25% IRGB), PWM = 11.1%
07h
03h
GREEN3
IPLS = 0 (25% IRGB), PWM = 4.8%
08h
01h
BLUE3
IPLS = 0 (25% IRGB), PWM = 1.6%
09h
0h
RED 4
IPLS = 0 (25% IRGB), PWM = 0%
0Ah
0h
GREEN4
IPLS = 0 (25% IRGB), PWM = 0%
0Bh
0h
BLUE4
IPLS = 0 (25% IRGB), PWM = 0%
0Fh
0Fh
Boost Output
Boost output voltage set to 4.7V
10h
07h
Frequency
Selections
PWM frequency (FPWM[1:0] = 0, 9.92 kHz), Boost SW frequency =
2 MHz
11h
CFh
Enables
NSTBY, EN_BOOST, EN_RGB4, EN_RGB3, EN_RGB2, EN_RGB1
= 1 (exit standby state, enable boost and rgb drivers)
9 Power Supply Recommendations
The LP55281 is designed to operate from an input supply range of 2.7 V to 5.5 V. This input supply must be well
regulated and able to provide the peak current required by the LED configuration without voltage drop under load
transients (enable on/off). The resistance of the input supply rail should be low enough such that the input
current transient does not cause the LP55281 supply voltage to droop more than 5%. Additional bulk decoupling
located close to the input capacitor (CIN) may be required to minimize the impact of the input supply rail
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com