Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1808 Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM1808
Description  PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 16Page - Texas Instruments PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments PCM1808 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
G013
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −0.5 dB
Data Points = 8192
C
1
f
2 RC
=
p
PCM1808
SLES177B – APRIL 2006 – REVISED AUGUST 2015
www.ti.com
8.2.2 Detailed Design Procedure
8.2.2.1 Control Pins
The control pins FMT, MD0, and MD1 should be controlled either by biasing with a 10 k
Ω resister to VDD or
GND, or by driving with GPIO from the DSP or audio processor.
8.2.2.2 Master Clock
In this application of the PCM1808 device, a PLL170X series device is used as the master clock source to drive
both the PCM1808 and the DSP or audio processor synchronously. With the addition of the AND gate, the
operation of the PCM1808 device can be halted by control of the MASK bit. A crystal that operates at the
standard audio multiples can also be used.
8.2.2.3 DSP or Audio Processor
In this application, the DSP or audio processor is acting as the audio master, and the PCM1808 is acting as the
audio slave. This means the DSP or audio processor must be able to output audio clocks that the PCM1808 can
use to process audio signals.
8.2.2.4 Input Filters
For the analog input circuit, an ac coupling capacitor should be placed in series with the input. This will remove
the dc component of the input signal. An RC filter can also be implemented to filter out-of-band noise to reduce
aliasing. The equation below can be used to calculate the cutoff frequency of the optional RC filter for the input.
(1)
8.2.3 Application Curve
Figure 27. Output Spectrum
20
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: PCM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com