Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR910FAW32X6T Datasheet(PDF) 67 Page - STMicroelectronics

Part # STR910FAW32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6T Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STR910FAW32X6T Datasheet HTML 63Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 64Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 65Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 66Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 67Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 68Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 69Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 70Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
67/99
7.7.4
PLL electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
7.8
Memory characteristics
7.8.1
SRAM characteristics
Table 22.
PLL electrical characteristics
Symbol
Parameter
Value
Unit
Min
Typ
Max
fPLL
PLL Output Clock
6.25
96
MHz
fOSC
Clock Input
4
25
MHz
tLOCK
PLL lock time
300
1500
µs
∆t
JITTER
PLL Jitter (peak to peak)(1)
1.
Data based on bench measurements, not tested in production
0.1
0.2
ns
Table 23.
SRAM and hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDR
Supply voltage for data retention(1)
TA= 85°C (worst case)
1.1
V
1.
Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com