Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR910FAW32X6T Datasheet(PDF) 22 Page - STMicroelectronics

Part # STR910FAW32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STR910FAW32X6T Datasheet HTML 18Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 19Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 20Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 21Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 22Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 23Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 24Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 25Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
22/99
3.10.6
Baud rate clock (BRCLK)
The baud rate clock is an internal clock derived from fMSTR that is used by the three on-chip
UART peripherals for baudrate generation. The frequency can be optionally divided by 2.
3.10.7
External memory interface bus clock (BCLK)
The BCLK is an internal clock that controls the EMI bus. All EMI bus signals are
synchronized to the BCLK. The BCLK is derived from the HCLK and the frequency can be
configured to be the same or half that of the HCLK. Refer to Table 17 on page 64 for the
maximum BCLK frequency (fBCLK). The BCLK clock is available on the LFBGA package as
an output pin.
3.10.8
USB interface clock
Special consideration regarding the USB interface: The clock to the USB interface must
operate at 48 MHz and comes from one of three sources, selected under firmware control:
●
CCU master clock output of 48 MHz.
●
CCU master clock output of 96 MHz. An optional divided-by-two circuit is available to
produce 48 MHz for the USB while the CPU system runs at 96MHz.
●
STR91xFA pin P2.7. An external 48 MHz oscillator connected to pin P2.7 can directly
source the USB while the CCU master clock can run at some frequency other than 48
or 96 MHz.
3.10.9
Ethernet MAC clock
Special consideration regarding the Ethernet MAC: The external Ethernet PHY interface
device requires it’s own 25 MHz clock source. This clock can come from one of two sources:
●
A 25 MHz clock signal coming from a dedicated output pin (P5.2) of the STR91xFA. In
this case, the STR91xFA must use a 25 MHz signal on its main oscillator input in order
to pass this 25 MHz clock back out to the PHY device through pin P5.2. The advantage
here is that an inexpensive 25 MHz crystal may be used to source a clock to both the
STR91xFA and the external PHY device.
●
An external 25 MHz oscillator connected directly to the external PHY interface device.
In this case, the STR91xFA can operate independent of 25 MHz.
3.10.10
External RTC calibration clock
The RTC_CLK can be enabled as an output on the JRTCK pin. The RTC_CLK is used for
RTC oscillator calibration. The RTC_CLK is active in Sleep mode and can be used as a
system wake up control clock.
3.10.11
Operation example
As an example of CCU operation, a 25 MHz crystal can be connected to the main oscillator
input on pins X1_CPU and X2_CPU, a 32.768 kHz crystal connected to pins X1_RTC and
X2_RTC, and the clock input of an external Ethernet PHY device is connected to STR91xFA
output pin P5.2. In this case, the CCU can run the CPU at 96 MHz from PLL, the USB
interface at 48 MHz, and the Ethernet interface at 25 MHz. The RTC is always running in the
background at 32.768 kHz, and the CPU can go to very low power mode dynamically by
running from 32.768 kHz and shutting off peripheral clocks and the PLL as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com