Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR910FAW32X6T Datasheet(PDF) 49 Page - STMicroelectronics

Part # STR910FAW32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6T Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STR910FAW32X6T Datasheet HTML 45Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 46Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 47Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 48Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 49Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 50Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 51Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 52Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Pin description
49/99
-
28
H3
P8.1
I/O
GPIO_8.1,
GP Input, HiZ
--
GPIO_8.1,
GP Output
8b) EMI_D1,
16b) EMI_AD1
-
-
30
J2
P8.2
I/O
GPIO_8.2,
GP Input, HiZ
--
GPIO_8.2,
GP Output
8b) EMI_D2,
16b) EMI_AD2
-
-
32
K2
P8.3
I/O
GPIO_8.3,
GP Input, HiZ
--
GPIO_8.3,
GP Output
8b) EMI_D3,
16b) EMI_AD3
-
-
34
L3
P8.4
I/O
GPIO_8.4,
GP Input, HiZ
--
GPIO_8.4,
GP Output
8b) EMI_D4,
16b) EMI_AD4
-
-
36
J4
P8.5
I/O
GPIO_8.5,
GP Input, HiZ
--
GPIO_8.5,
GP Output
8b) EMI_D5,
16b) EMI_AD5
-
-
38
M2
P8.6
I/O
GPIO_8.6,
GP Input, HiZ
--
GPIO_8.6,
GP Output
8b) EMI_D6,
16b) EMI_AD6
-
-
44
K5
P8.7
I/O
GPIO_8.7,
GP Input, HiZ
--
GPIO_8.7,
GP Output
8b) EMI_D7,
16b) EMI_AD7
-
-
46
M6
P9.0
I/O
GPIO_9.0,
GP Input, HiZ
--
GPIO_9.0,
GP Output
8b) EMI_A8
16b) EMI_AD8
-
-
47
M7
P9.1
I/O
GPIO_9.1,
GP Input, HiZ
--
GPIO_9.1,
GP Output
8b) EMI_A9,
16b) EMI_AD9
-
-
50
K6
P9.2
I/O
GPIO_9.2,
GP Input, HiZ
--
GPIO_9.2,
GP Output
8b) EMI_A10,
16b)EMI_AD10
-
-
51
J6
P9.3
I/O
GPIO_9.3,
GP Input, HiZ
--
GPIO_9.3,
GP Output
8b) EMI_A11,
16b)EMI_AD11
-
-
52
H6
P9.4
I/O
GPIO_9.4,
GP Input, HiZ
--
GPIO_9.4,
GP Output
8b) EMI_A12,
16b)EMI_AD12
-
-
58
L8
P9.5
I/O
GPIO_9.5,
GP Input, HiZ
--
GPIO_9.5,
GP Output
8b) EMI_A13,
16b)EMI_AD13
-
-
62
M9
P9.6
I/O
GPIO_9.6,
GP Input, HiZ
--
GPIO_9.6,
GP Output
8b) EMI_A14,
16b)EMI_AD14
-
-
64
K9
P9.7
I/O
GPIO_9.7,
GP Input, HiZ
--
GPIO_9.7,
GP Output
8b) EMI_A15,
16b)EMI_AD15
-
-21
G4
EMI_BW
R
_WRLn
O
EMI byte write
strobe (8 bit
mode) or low
byte write
strobe (16 bit
mode)
Can also be
configured as
EMI_LBn in
BGA package
N/A
-22
H1
EMI_WR
Hn
O
EMI high byte
write strobe
(16-bit mode)
Can also be
configured as
EMI_UBn in
BGA package
N/A
Table 9.
Device pin description (continued)
Pkg
Pin
Name
Default Pin
Function
Default
Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com