Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR910FAW32X6T Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR910FAW32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32X6T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR910FAW32X6T Datasheet HTML 31Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 32Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 33Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 34Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 35Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 36Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 37Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 38Page - STMicroelectronics STR910FAW32X6T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
35/99
3.24
A/D converter (ADC) with DMA
The STR91xFA provides an eight-channel, 10-bit successive approximation analog-to-
digital converter. The ADC input pins are multiplexed with other functions on Port 4 as
shown in Table 9. Following are the major ADC features:
●
Fast conversion time, as low as 0.7 usec
●
Accuracy. Integral and differential non-linearity are typically within 4 conversion counts.
●
0 to 3.6V input range. External reference voltage input pin (AVREF) available on 128-
pin packages for better accuracy on low-voltage inputs. See Table 12: Operating
conditions, for restrictions to the relative voltage levels of VDDQ, AVDD, AVREF, and
AVREF_AVDD.
●
CPU Firmware may convert one ADC input channel at a time, or it has the option to set
the ADC to automatically scan and convert all eight ADC input channels sequentially
before signalling an end-of-conversion
●
Automatic continuous conversion mode is available for any number of designated ADC
input channels
●
Analog watchdog mode provides automatic monitoring of any ADC input, comparing it
against two programmable voltage threshold values. The ADC unit will set a flag or it
will interrupt the CPU if the input voltage rises above the higher threshold, or drops
below the lower threshold.
●
The ADC unit goes to stand-by mode (very low-current consumption) after any reset
event. CPU firmware may also command the ADC unit to stand-by mode at any time.
●
ADC conversion can be started or triggered by software command as well as triggers
from Timer/Counter (TIM), Motor Controller and input from external pin.
3.24.1
DMA
A programmable DMA channel may be assigned by CPU firmware to service each ADC
conversion result for fast DMA single-transfer.
3.25
Standard timers (TIM) with DMA
The STR91xFA has four independent, free-running 16-bit timer/counter modules designated
TIM0, TIM1, TIM2, and TIM3. Each general purpose timer/counter can be configured by
firmware for a variety of tasks including; pulse width and frequency measurement (input
capture), generation of waveforms (output compare and PWM), event counting, delay
timing, and up/down counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com