Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL2Z Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL81802EVAL2Z
Description  80V Dual Synchronous Buck Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL2Z Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL81802EVAL2Z Datasheet HTML 34Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 35Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 36Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 37Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 38Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 39Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 40Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 41Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
ISL81802
6. Layout Guidelines
R16DS0033EU0103 Rev.1.03
Page 38 of 45
Aug 1, 2024
6. Layout Guidelines
Careful attention to layout requirements is necessary for the successful implementation of an ISL81802 based
DC/DC converter. The ISL81802 switches at a high frequency, so the switching times are short. At these
switching frequencies, even the shortest trace has significant impedance. Also, the peak gate drive current rises
significantly in an extremely short time. The transition speed of the current from one device to another causes
voltage spikes across the interconnecting impedances and parasitic circuit elements. These voltage spikes can
degrade efficiency, generate EMI, and increase device voltage stress and ringing. Careful component selection
and proper Printed Circuit Board (PCB) layout minimize the magnitude of these voltage spikes.
The three sets of critical components in a DC/DC converter using the ISL81802 are:
• Controller
• Switching power components
• Small signal components
The switching power components are the most critical from a layout point of view because they switch a large
amount of energy, which tends to generate a large amount of noise. The critical small signal components are
those connected to sensitive nodes or those supplying critical bias currents. A multilayer PCB is recommended.
6.1
Layout Considerations
• Place the input capacitors, buck FETs, inductor, and output capacitor first. Isolate these power components on
dedicated areas of the board with their ground terminals adjacent to one another. Place the input and output
high frequency decoupling ceramic capacitors close to the MOSFETs.
• If signal components and the IC are placed in a separate area to the power train, use full ground planes in the
internal layers with shared SGND and PGND to simplify the layout design. Otherwise, use separate ground
planes for the power ground and the small-signal ground. Connect the SGND and PGND close to the IC. DO
NOT connect them anywhere else.
• Keep the loop formed by the input capacitor, the buck top FET, and the buck bottom FET as small as possible.
• Keep the current paths from the input capacitor to the buck FETs, the power inductor, and the output capacitor
as short as possible with maximum allowable trace widths.
• Place the PWM controller IC close to the lower FETs. The low-side FETs gate drive connections should be short
and wide. Place the IC over a quiet ground area. Avoid switching ground loop currents in this area.
• Place the VDD bypass capacitor close to the VDD pin of the IC and connect its ground end to the PGND pin.
Connect the PGND pin to the ground plane using a via. Do not directly connect the PGND pin to the SGND
EPAD.
• Place the gate drive components (BOOT diodes and BOOT capacitors) together near the controller IC.
• Place the output capacitors as close to the load as possible. Use short, wide copper regions to connect output
capacitors to load to avoid inductance and resistances.
• Use copper filled polygons or wide short traces to connect the junction of the upper FET, lower FET, and output
inductor. Also, keep the PHASE nodes connection to the IC short. DO NOT oversize the copper islands for the
PHASE nodes. Because the phase nodes are subjected to high dv/dt voltages, the stray capacitor formed
between these islands and the surrounding circuitry tends to couple switching noise.
• Route all high-speed switching nodes away from the control circuitry.
• Create a separate small analog ground plane near the IC. Connect the SGND pin to this plane. Connect all
small signal grounding paths including feedback resistors, current monitoring resistors and capacitors,
soft-starting capacitors, loop compensation capacitors and resistors, and EN pull-down resistors to this SGND
plane.
• Use a pair of traces with minimum loop for the input or output current sensing connection.
• Ensure the feedback connection to the output capacitor is short and direct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com