Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL81802EVAL2Z
Description  80V Dual Synchronous Buck Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL81802EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
ISL81802
3. Typical Performance Curves
R16DS0033EU0103 Rev.1.03
Page 20 of 45
Aug 1, 2024
Figure 12. Switching Frequency vs Temperature
Figure 13. Switching Frequency vs VIN, RT = 169k
Figure 14. 0.8V Reference Voltage vs Temperature
Figure 15. 1.2V Reference Voltage vs Temperature
Figure 16. Normalized Output Voltage vs Voltage on
Soft-Start Pin
Figure 17. Dual-Phase Output Current IOUT (DC) vs
IMON1 Pin Voltage, RS_out = 4mΩ, RIMON1 = 20k
Oscilloscope plots are taken using the ISL81802EVAL1Z and ISL81802EVAL2Z evaluation boards,
(Continued)
200
250
300
350
400
450
500
-50
0
50
100
150
Temperature (˚C)
Rt = 144k
Rt = 72k
198
200
202
204
206
208
210
0
20406080
100
V
IN (V)
0.790
0.795
0.800
0.805
0.810
-50
0
50
100
150
Temperature (°)
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
-50
0
50
100
150
Temperature (°)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Soft-Start Pin Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
05
10
15
20
I
OUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com