Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL2Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL81802EVAL2Z
Description  80V Dual Synchronous Buck Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL2Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL81802EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
ISL81802
2. Specifications
R16DS0033EU0103 Rev.1.03
Page 13 of 45
Aug 1, 2024
2.4
Electrical Specifications
Recommended operating conditions unless otherwise noted. See the Block Diagram and Typical Application Schematics. VIN = 4.5V to 80V,
or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless otherwise specified.
Boldface limits apply across the operating temperature range, -40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
(Note 6) Typ
Max
(Note 6) Unit
VIN Supply
Input Voltage Range
VIN
4.5
80.0
V
VIN Supply Current
Shutdown Current (Note 7)
IVINQ
EN = 0V, PGOOD is floating
5.5
10.0
µA
Operating Current (Note 8)
IVINOP
PGOOD is floating, EXTBIAS = 0V
5.5
7.0
mA
PGOOD is floating, EXTBIAS = 12V
50
µA
VCC5V Supply
Internal LDO Output Voltage
VCC5V
VIN = 8V, IL = 0mA
4.7
5.0
5.4
V
VIN = 80V, IL = 0mA
4.7
5.0
5.4
V
VIN = 4.5V, IL = 5mA
4.0
4.4
V
VIN > 5.6V, IL = 10mA
4.65
5.00
V
Maximum Supply Current of
Internal LDO
IVCC_MAX
VVCC5V = 0V, VIN = 8V
120
mA
VDD Supply
Internal LDO Output Voltage
VDD
VIN = 12V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.4
V
VIN = 80V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.4
V
VIN = 4.5V, EXTBIAS = 12V, IL = 0mA
7.5
8.0
8.4
V
VIN = 80V, EXTBIAS = 12V, IL = 0mA
7.5
8.0
8.4
V
VIN = 4.5V, EXTBIAS = 0V, IL = 30mA
3.9
4.3
V
VIN = 4.5V, EXTBIAS = 7.8V, IL = 30mA
(Note 10)
7.4
7.6
V
VIN > 8.6V, EXTBIAS = 0V, IL = 75mA
7.30
7.8
V
VIN = 4.5V, EXTBIAS > 9.0V, IL = 75mA
(Note 10)
7.30
7.8
V
Maximum Supply Current of
Internal LDO
IVDD_MAX
VVDD = 0V, EXTBIAS = 0V, VIN = 12V
120
mA
VVDD = 4.5V, EXTBIAS = 12V, VIN = 4.5V
140
mA
EXTBIAS Supply
Switch Over Threshold Voltage, Rising
VEXT_THR
EXTBIAS voltage
7.10
7.38
7.55
V
Switch Over Threshold Voltage, Falling
VEXT_THF
EXTBIAS voltage
6.60
6.85
7.10
V
VIN UVLO
VIN Rising UVLO Threshold
VUVLOTHR
3.5
V
VIN Falling UVLO Threshold
VUVLOTHF
VIN voltage, 0mA on VCC5V and VDD
3.3
V
VCC5V Power-On Reset
VCC5V Rising POR Threshold
VPORTHR
VCC5V voltage, 0mA on VCC5V and VDD
3.7
4.0
4.3
V
VCC5V Falling POR Threshold
VPORTHF
VCC5V voltage, 0mA on VCC5V and VDD
3.30
3.55
3.75
V
EN/UVLO Threshold
EN1 Rise Threshold
VEN1SS_THR
VIN > 5.6V
0.75
1.05
1.30
V
EN1 Fall Threshold
VEN1SS_THF
VIN > 5.6V
0.60
0.90
1.10
V
EN1 Hysteresis
VEN1SS_HYST
VIN > 5.6V
70
150
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com