Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81802EVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL81802EVAL2Z
Description  80V Dual Synchronous Buck Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81802EVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL81802EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL81802EVAL2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ISL81802
3. Typical Performance Curves
R16DS0033EU0103 Rev.1.03
Page 21 of 45
Aug 1, 2024
Figure 18. Output Current IOUT (DC) vs IMON Pin Voltage,
RS_OUT = 4mΩ, RIMON = 40.2k
Figure 19. CCM Mode Efficiency
Figure 20. CCM Load Regulation at +25°C
Figure 21. CCM Line Regulation at 20A Load +25°C
Figure 22. Dual-Phase Waveforms, VIN = 48V, IOUT = 0A,
CCM Mode
Figure 23. Dual-Phase Waveforms,
VIN = 48V, IOUT = 20A, CCM Mode
Oscilloscope plots are taken using the ISL81802EVAL1Z and ISL81802EVAL2Z evaluation boards,
(Continued)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
02468
10
12
I
OUT (A)
IMON1
IMON2
80
82
84
86
88
90
92
94
96
98
100
0
5
10
15
20
Output Current (A)
Vin = 18V
Vin = 24V
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 80V
11.930
11.935
11.940
11.945
11.950
11.955
11.960
11.965
11.970
0
5
10
15
20
25
Vin = 18V
Vin = 24V
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 80V
11.930
11.932
11.934
11.936
11.938
11.940
11.942
11.944
11.946
0
20406080
100
V
IN (V)
Phase 1
Phase 2
IL1 5A
IL2 5A
20V
20V
2µs/Div
Phase 1
Phase 2
IL1 5A
IL2 5A
20V
20V
2µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com