Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KITMPC5744DBEVM Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # KITMPC5744DBEVM
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITMPC5744DBEVM Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KITMPC5744DBEVM Datasheet HTML 1Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 2Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 3Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 4Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 5Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 6Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Getting Started
KTMPC5744DBUG Rev. 1.0 2/2015
4
Freescale Semiconductor, Inc.
2
Getting Started
2.1
Kit Contents/Packing List
The KITMPC5744DBEVM contents include:
• Assembled and tested evaluation board/module in anti-static bag.
• The board preloaded with demo software
• Warranty card
2.2
Jump Start
Freescale’s analog product development boards help to easily evaluate Freescale products. These tools support analog mixed signal and
power solutions including monolithic ICs using proven high-volume SMARTMOS mixed signal technology, and system-in-package devices
utilizing power, SMARTMOS and MCU dies. Freescale products enable longer battery life, smaller form factor, component count reduction,
ease of design, lower system cost and improved performance in powering state of the art systems.
•Go to www.freescale.com/analogtools
• Locate your kit
• Review your Tool Summary Page
• Look for
• Download documents, software and other information
Once the files are downloaded, review the user guide in the bundle. The user guide includes setup instructions, BOM and schematics.
Jump start bundles are available on each tool summary page with the most relevant and current information. The information includes
everything needed for design.
2.3
Required Equipment and Software
KITMPC5744DBEVM is an extensible board for the KIT33908MBEVBE and cannot operate separately. Equipment list is considered for
operation with the KIT33908MBEVBE uniquely. We can distinguish two modes of operation with this platform.
Recommended equipment for software development:
• Power supply 12 V/3.0 A
• USB A-B cable
• Debugger for the MPC5744P MCU
• USB-enabled PC
Recommended equipment for hardware development (validation of Analog functionality etc.):
• Power supply: typically 12 V/3.0 A
• USB A-B cable
• USB-enabled PC
Recommended software:
• MC33907_8 Graphical User Interface (GUI)
(http://www.freescale.com/webapp/sps/site/prod_summary.jsp?code=KIT33907AEEVB&fpsp=1&tab=Design_Tools_ Tab)
• Greenhills IDE for Qorivva MCU family installed (http://www.ghs.com/products/MULTI_IDE.html)
2.4
System Requirements
The kit requires the following to function properly with the software:
• x86 or compatible processor
• Windows 7, 32-bit, Service Pack 1
• .NET Framework 4.0 or higher
Jump Start Your Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com