Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KITMPC5744DBEVM Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # KITMPC5744DBEVM
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITMPC5744DBEVM Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button KITMPC5744DBEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 11Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 12Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 13Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 14Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 15Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
12
Freescale Semiconductor, Inc.
Table 7. Power Supply Settings - scenario 1
VCCA
VCORE
KIT33908MBEVBE Settings
KITMPC5744DBEVM Settings
3.3 V
1.2 V
JP104
JP114
JP122
S101
JP8
JP9
JP10
VCORE_EN
VCORE_SEL
VDDIO_SEL
VCCA/VAUX
VDD_LV
VDD_HV
HV_ADV
connected
3-4
1-2
1-8 (VAUX = 3.3 V)
or
3-6 (VAUX = 5.0 V)
1-2
2-3
2-3
VDD_HV_PMU
VDD_LV_COR
VDD_HV_IO
VDD_LV_CORx
VDD_HV_FLA
VDD_LV_PLL
VDD_HV_OSC
VDD_HV_ADRE0
VDD_HV_ADRE1
VDD_HV_ADV
Table 8. Power Supply Settings - scenario 2
VCCA
VCORE
VCORE +
Ext. Ballast
KIT33908MBEVBE Settings
KITMPC5744DBEVM Settings
5.0 V
3.3 V
1.2 V
JP104
JP114
JP122
S101
JP8
JP9
JP10
VCORE_EN
VCORE_SEL
VDDIO_SEL
VCCA/VAUX
VDD_LV
VDD_HV
HV_ADV
connected
1-2
2-3
2-7 (VAUX =
5.0 V)
or
4-5 (VAUX =
3.3 V)
2-3
1-2
1-2
VDD_HV_ADRE0 VDD_HV_PMU VDD_LV_COR
VDD_HV_ADRE1
VDD_HV_IO
VDD_LV_COR
x
VDD_HV_FLA
VDD_LV_PLL
VDD_HV_OSC
VDD_HV_ADV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com