Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KITMPC5744DBEVM Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # KITMPC5744DBEVM
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITMPC5744DBEVM Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button KITMPC5744DBEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 11Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 12Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 13Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 14Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 15Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 16Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
Freescale Semiconductor, Inc.
13
Figure 5. Power Supplies - Configuration of the Mother Board
Daughter Board - MPC5744P
3.3 V IO
Peripheral
3.3 V OSC
3.3 V Flash
3.3 V
Power Supply
1.2 V
Core
Logic
Power
Domain
MVRON
1.2/3.3 V
VCORE
1.2 V FMPLL
CTRL
3.3 V VDD_HV_IO
VDD_HV_OSC
VDD_HV_FLASH
VDD_HV_ADV
VSS_HV_xxx
VDD_HV_PMU
VSS_HV_xxx
VSS_HV_xxx
1.2 V VDD_LV_xxx
VDD_LV_PLL
3.3/5 V
VCCA
Filter
JP10
3.0 V - 5.5 V
Reference
ADC
VDD_HV_ADRx
JP8
VCORE
Control
VCORE_SEL
JP114
VCORE_EN
JP104
VCCA/VAUX
S101
VCCA
Control
Mother Board - Power Management
JP9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com