Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KITMPC5744DBEVM Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # KITMPC5744DBEVM
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITMPC5744DBEVM Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  KITMPC5744DBEVM Datasheet HTML 1Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 2Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 3Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 4Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 5Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 6Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITMPC5744DBEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
Freescale Semiconductor, Inc.
5
3
Getting to Know the Hardware
3.1
Board Overview
The KITMPC5744DBEVM evaluation board is populated with a MPC5744P safety oriented microcontroller from the Qorivva family. The
KITMPC5744DBEVM is a daughter board that extends the KIT33908MBEVBE kit (populated with MC33908 System Basis chip). Together,
these two kits create a platform that forms a base for a Safety Ecosystem, which can reach the highest level in functional safety as defined
by the ISO26262. The whole platform is shown in Figure 2.
The daughter board includes the MCU and external components necessary for its basic operation as the decoupling capacitors, crystal
oscillator, reset circuitry, LED indicators, etc. Power supply and intelligent power management including enhanced safety features is
provided to the daughter board from the mother board. Due to this, the daughter board cannot operate separately and it has to be plugged
on the mother board (using four 80-pin connectors).
The daughter board is delivered with a demo software already loaded in the Flash memory of the MPC5744P. This code provides
algorithms and procedures necessary to initialize and operate the MC33908 correctly. See the KTMPC5744DBSWUG - Basic SW Drivers
for MPC5744P.
Figure 2. Interfacing with the KIT33908MBEVBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com