Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4031/32 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4031/32
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4031/32 Datasheet(HTML) 4 Page - Texas Instruments

  THS4031/32 Datasheet HTML 1Page - Texas Instruments THS4031/32 Datasheet HTML 2Page - Texas Instruments THS4031/32 Datasheet HTML 3Page - Texas Instruments THS4031/32 Datasheet HTML 4Page - Texas Instruments THS4031/32 Datasheet HTML 5Page - Texas Instruments THS4031/32 Datasheet HTML 6Page - Texas Instruments THS4031/32 Datasheet HTML 7Page - Texas Instruments THS4031/32 Datasheet HTML 8Page - Texas Instruments THS4031/32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC = ±15 V, RL = 150 Ω, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
±15 V
400
Slew rate
Gain = –1
±5 V
400
V/
µs
±2.5 V
350
Settling time to 0 1%
10 V step (0 to 10 V),
Gain = –1
±15 V
40
ns
Settling time to 0.1%
– 2.5 V to 2.5 V step,
Gain = –1
±5 V
30
ns
Gi
1
R
150
Ω
±15 V
270
Gain = +1,
Rf = 150 Ω
RL = 150 Ω,
±5 V
220
MHz
3 dB Bandwidth
Rf = 150 Ω
±2.5 V
180
– 3 dB Bandwidth
Gi
1
R
150
Ω
±15 V
80
Gain = –1,
Rf = 150 Ω
RL = 150 Ω,
±5 V
75
MHz
Rf = 150 Ω
±2.5 V
70
±15 V
60
Bandwidth for 0.1 dB flatness
Gain = +1
±5 V
50
MHz
±2.5 V
40
Vn
Equivalent input noise voltage
f = 10 kHz
±15 V,
±5 V
12.5
nV/
√Hz
In
Equivalent input noise current
f = 10 kHz
±15 V,
±5 V
1.5
pA/
√Hz
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IIB
Input bias current
vs Free-air temperature
1
VIO
Input offset voltage
vs Free-air temperature
2
Open-loop gain
vs Frequency
3
Phase
vs Frequency
3
Differential gain
vs DC voltage
4, 5
Differential phase
vs DC voltage
4, 5
Closed-loop gain
vs Frequency
6, 7
CMRR
Common-mode rejection ratio
vs Frequency
8
PSRR
Power supply rejection ratio
vs Frequency
9
PSRR
Power-supply rejection ratio
vs Free-air temperature
10
VO(PP) Output voltage swing
vs Supply voltage
11
VO(PP) Output voltage swing
vs Load resistance
12
Bandwidth (– 3 dB)
vs Feedback resistance
13, 14
ICC
Supply current
vs Supply voltage
15
ICC
Supply current
vs Free-air temperature
16
Env
Noise spectral density
vs Frequency
17
THD
Total harmonic distortion
vs Frequency
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com