Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4031/32 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4031/32
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4031/32 Datasheet(HTML) 5 Page - Texas Instruments

  THS4031/32 Datasheet HTML 1Page - Texas Instruments THS4031/32 Datasheet HTML 2Page - Texas Instruments THS4031/32 Datasheet HTML 3Page - Texas Instruments THS4031/32 Datasheet HTML 4Page - Texas Instruments THS4031/32 Datasheet HTML 5Page - Texas Instruments THS4031/32 Datasheet HTML 6Page - Texas Instruments THS4031/32 Datasheet HTML 7Page - Texas Instruments THS4031/32 Datasheet HTML 8Page - Texas Instruments THS4031/32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
–40
–20
0
20
80
TA – Free-Air Temperature – °C
60
40
3
2.5
2
1.5
2.75
2.25
1.75
100
VCC = ±2.5 V
VCC = ±5 V
VCC = ±15 V
Figure 2
TA – Free-Air Temperature – °C
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
–40
–20
0
80
40
20
0
1
–1
60
VCC = ±15 V
VCC = ±5 V
1.5
0.5
– 0.5
– 1.5
100
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
40
20
0
–20
10k
1M
f – Frequency – Hz
50
30
10
–10
100k
10M
100M
60
80
1k
70
90
135
°
180
5
°
90
°
45
°
0
°
VCC = ±15 V
1G
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com