Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4031/32 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4031/32
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4031/32 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4031/32 Datasheet HTML 3Page - Texas Instruments THS4031/32 Datasheet HTML 4Page - Texas Instruments THS4031/32 Datasheet HTML 5Page - Texas Instruments THS4031/32 Datasheet HTML 6Page - Texas Instruments THS4031/32 Datasheet HTML 7Page - Texas Instruments THS4031/32 Datasheet HTML 8Page - Texas Instruments THS4031/32 Datasheet HTML 9Page - Texas Instruments THS4031/32 Datasheet HTML 10Page - Texas Instruments THS4031/32 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
CLOSED-LOOP GAIN
vs
FREQUENCY
–2
–6
–10
–14
1M
100M
f – Frequency – Hz
0
–4
–8
–12
10M
1G
3G
2
6
300k
4
8
VCC = ±15 V
Gain = 1
+
–
3.9 pF
200
Ω
50
Ω
Figure 7
CLOSED-LOOP GAIN
vs
FREQUENCY
–15
– 25
– 35
– 45
1M
100M
f – Frequency – Hz
–10
– 20
– 30
– 40
10M
1G
3G
– 5
5
300k
0
VCC = ±15 V
Gain = –1
+
–
50
Ω
1 k
Ω
1 k
Ω
Figure 8
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
10
100
1k
10k
10M
100M
f – Frequency – Hz
1M
100k
100
60
20
0
80
40
120
VCC = ±15 V to ±2.5 V
Figure 9
f – Frequency – Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
10
100
1k
10k
10M
100M
1M
100k
60
40
20
0
50
30
10
100
80
90
70
+VCC
–VCC
VCC = ±15 V to ±2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com