Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4031/32 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS4031/32
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4031/32 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4031/32 Datasheet HTML 6Page - Texas Instruments THS4031/32 Datasheet HTML 7Page - Texas Instruments THS4031/32 Datasheet HTML 8Page - Texas Instruments THS4031/32 Datasheet HTML 9Page - Texas Instruments THS4031/32 Datasheet HTML 10Page - Texas Instruments THS4031/32 Datasheet HTML 11Page - Texas Instruments THS4031/32 Datasheet HTML 12Page - Texas Instruments THS4031/32 Datasheet HTML 13Page - Texas Instruments THS4031/32 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
1
f – Frequency – MHz
10
0.5
–55
–65
–75
–85
–50
–60
–70
–80
2 nd Harmonic
3 rd Harmonic
G = +2
VIN = 1 V(PP)
VCC = ±15 V
RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com