Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F753-I/ML Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 28Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 29Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 30Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 31Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 32Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 33Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 34Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 35Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 32
 2013-2015 Microchip Technology Inc.
An example of the complete four-word write sequence
is shown in Example 3-2. The initial address is loaded
into the PMADRH and PMADRL register pair; the four
words of data are loaded using indirect addressing.
EXAMPLE 3-2:
WRITING TO FLASH PROGRAM MEMORY
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
; This write routine assumes the following:
;
A valid starting address (the least significant bits = '00')
;
is loaded in ADDRH:ADDRL
;
ADDRH, ADDRL and DATADDR are all located in data memory
;
BANKSEL
PMADRH
MOVF
ADDRH,W
;Load initial address
MOVWF
PMADRH
;
MOVF
ADDRL,W
;
MOVWF
PMADRL
;
MOVF
DATAADDR,W
;Load initial data address
MOVWF
FSR
;
LOOP MOVF
INDF,W
;Load first data byte into lower
MOVWF
PMDATL
;
INCF
FSR,F
;Next byte
MOVF
INDF,W
;Load second data byte into upper
MOVWF
PMDATH
;
INCF
FSR,F
;
BANKSEL PMCON1
BSF
PMCON1,WREN
;Enable writes
BCF
INTCON,GIE
;Disable interrupts (if using)
BTFSC
INTCON,GIE
;See AN576
GOTO
$-2
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;
Required Sequence
MOVLW
55h
;Start of required write sequence:
MOVWF
PMCON2
;Write 55h
MOVLW
0AAh
;
MOVWF
PMCON2
;Write 0AAh
BSF
PMCON1,WR
;Set WR bit to begin write
NOP
;Required to transfer data to the buffer
NOP
;registers
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
BCF
PMCON1,WREN
;Disable writes
BSF
INTCON,GIE
;Enable interrupts (comment out if not using interrupts)
BANKSEL PMADRL
MOVF
PMADRL, W
INCF
PMADRL,F
;Increment address
ANDLW
0x03
;Indicates when sixteen words have been programmed
SUBLW
0x03
;Change value for different size write blocks
;0x0F = 16 words
;0x0B = 12 words
;0x07 = 8 words
;0x03 = 4 words
BTFSS
STATUS,Z
;Exit on a match,
GOTO
LOOP
;Continue if more data needs to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com