Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F753-I/ML Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 93Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 94Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 95Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 96Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 97Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 98Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 99Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 100Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 97
PIC16F753/HV753
REGISTER 11-6:
COGxFSIM: COG FALLING EVENT SOURCE INPUT MODE REGISTER
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
GxFMHLT2
GxFMHLT1
GxFMT2M
GxFMFLT
GxFMCCP1
GxFMC2
GxFMC1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
Unimplemented: Read as ‘0’
bit 6
GxFMHLT2: COGx Falling Event Input Source 6 Mode bit(1)
GxFIHLT2 = 1:
1
= HLTimer2 low-to-high transition will cause a falling event after falling event phase delay
0
= HLTimer2 high level will cause an immediate falling event
GxFIHLT2 = 0:
HLTimer2 has no effect on falling event
bit 5
GxFMHLT1: COGx Falling Event Input Source 5 Mode bit(1)
GxFIHLT1 = 1:
1
= HLTimer1 low-to-high transition will cause a falling event after falling event phase delay
0
= HLTimer1 high level will cause an immediate falling event
GxFIHLT1 = 0:
HLTimer1 has no effect on falling event
bit 4
GxFMT2M: COGx Falling Event Input Source 4 Mode bit(1)
GxFIT2M = 1:
1
= Timer2 match with PR2 low-to-high transition will cause a falling event after falling event phase delay
0
= Timer2 match with PR2 high level will cause an immediate falling event
GxFIT2M = 0:
Timer2 match with PR2 has no effect on falling event
bit 3
GxFMFLT: COGx Falling Event Input Source 3 Mode bit
GxFIFLT = 1:
1
= COGxFLT pin low-to-high transition will cause a falling event after falling event phase delay
0
= COGxFLT pin high level will cause an immediate falling event
GxFIFLT = 0:
COGxFLT pin has no effect on falling event
bit 2
GxFMCCP1: COGx Falling Event Input Source 2 Mode bit
GxFICCP1 = 1:
1
= CCP1 low-to-high transition will cause a falling event after falling event phase delay
0
= CCP1 high level will cause an immediate falling event
GxFICCP1 = 0:
CCP1 has no effect on falling event
bit 1
GxFMC2: COGx Falling Event Input Source 1 Mode bit
GxFIC2 = 1:
1
= Comparator 2 low-to-high transition will cause a falling event after falling event phase delay
0
= Comparator 2 high level will cause an immediate falling event
GxFIC2 = 0:
Comparator 2 has no effect on falling event
bit 0
GxFMC1: COGx Falling Event Input Source 0 Mode bit
GxFIC1 = 1:
1
= Comparator 1 low-to-high transition will cause a falling event after falling event phase delay
0
= Comparator 1 high level will cause an immediate falling event
GxFIC1 = 0:
Comparator 1 has no effect on falling event
Note 1:
These sources are pulses and therefore the only benefit of Edge mode over Level mode is that they can be
delayed by falling event phase delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com