Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F753-I/ML Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 50Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 51Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 48
 2013-2015 Microchip Technology Inc.
5.7
Additional Pin Functions
Every PORTC pin on the PIC16F753 has an interrupt-
on-change option and a weak pull-up option. The next
three sections describe these functions.
5.7.1
ANSELC REGISTER
The ANSELC register (Register 5-5) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELC bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELC bits has no effect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
5.7.2
WEAK PULL-UPS
Each of the PORTC pins, except RC3, has an
individually configurable internal weak pull-up. Control
bits WPUx enable or disable each pull-up. Refer to
Register 5-6. Each weak pull-up is automatically turned
off when the port pin is configured as an output. The
pull-ups are disabled on a Power-on Reset by the
RAPU bit of the OPTION_REG register. A weak pull-up
is automatically enabled for RC3 when configured as
MCLR and disabled when RC3 is an I/O. There is no
software control of the MCLR pull-up.
5.7.3
INTERRUPT-ON-CHANGE
Each PORTC pin is individually configurable as an
interrupt-on-change pin. Control bit IOCC enables or
disables the interrupt function for each pin. Refer to
Register 5-7. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTC. The ‘mismatch’ outputs of the last read are
OR’d together to set the PORTC Change Interrupt Flag
bit (IOCIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, clears the
interrupt by:
a)
Any read of PORTC AND Clear flag bit IOCIF.
This will end the mismatch condition;
OR
b)
Any write of PORTC AND Clear flag bit IOCIF
will end the mismatch condition;
A mismatch condition will continue to set flag bit IOCIF.
Reading PORTC will end the mismatch condition and
allow flag bit IOCIF to be cleared. The latch holding the
last read value is not affected by a MCLR nor BOR
Reset. After these Resets, the IOCIF flag will continue
to be set if a mismatch is present.
5.7.4
SLEW RATE CONTROL
Two of the PORTC pins, RC4 and RC5, are equipped
with high current driver circuitry. The SLRCONC register
provides reduced slew rate control to mitigate possible
EMI radiation from these pins.
Note:
The ANSELC bits default to the Analog
mode after Reset. To use any pins as
digital general purpose or peripheral
inputs, the corresponding ANSEL bits
must be initialized to ‘0’ by user software.
Note:
If a change on the I/O pin should occur
when any PORTC operation is being
executed, then the IOCIF interrupt flag
may not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com