Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F753-I/ML Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F753-I/ML
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 4Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 5Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 6Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 7Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 8Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 9Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 10Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 11Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 8
 2013-2015 Microchip Technology Inc.
RC2/AN6/SLPCIN/
OPA1OUT/C1IN2-/C2IN2-
RC2
TTL
CMOS
General purpose I/O with IOC and WPU.
AN6
AN
—
A/D Channel 6 input.
OPA1OUT
AN
HP
Op amp output.
C1IN2-
AN
—
Comparator C1 negative input.
C2IN2-
AN
—
Comparator C2 negative input.
RC3/AN7/C1IN3-/C2IN3-
RC3
TTL
CMOS
General purpose I/O with IOC and WPU.
AN7
AN
—
A/D Channel 7 input.
C1IN3-
AN
—
Comparator C1 negative input.
C2IN3-
AN
—
Comparator C2 negative input.
RC4/COG1OUT1/C2OUT
RC4
TTL
CMOS
General purpose I/O with IOC and WPU.
COG1OUT1
—
CMOS
COG output Channel 1.
C2OUT
—
HP
Comparator C2 output.
RC5/COG1OUT0/CCP1
RC5
TTL
CMOS
General purpose I/O with IOC and WPU.
COG1OUT0
—
CMOS
COG output Channel 0.
CCP1
—
HP
Capture/Compare/PWM 1.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-1:
PIC16F753/HV753 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HP = High Power
HV
= High Voltage
*
Alternate pin function.
Note
1:
Input only.
2:
Default pin function via the APFCON register.
3:
Alternate pin function via the APFCON register.
4:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com