Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9504B092DAL Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9504B092DAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAL Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9504B092DAL Datasheet HTML 10Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 11Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 12Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 13Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 14Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 15Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 16Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 17Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
14/53
XC9504 Series
Circuit 1, Circuit 2
L1, L2: 22
μH (CDRH5D28, SUMIDA) : XC9504B092A
15
μH (CDRH5D28, SUMIDA) : XC9504B093A
10
μH (CDRH5D28, SUMIDA) : XC9504B095A
SD1, SD2 : CRS02 (Schottky, TOSHIBA)
EC10QS06 (Schottky, NIHON INTER)
CL1, CL2 : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
35MCE335MB x 3 (Tantalum, NIHON CHEMICON)
CIN : 16MCE476MD2
NPN Tr 1 : 2SD1628 (SANYO)
PNP Tr 2 : 2SA1213 (TOSHIBA)
RFB : Please use by the conditions as below.
RFB11 + RFB12≦1M
Ω
RFB21 + RFB22≦1M
Ω
RFB11 / RFB12 = (Setting Output Voltage / 0.9) - 1
VOUT2 = (0.9 - VOUT1) / (RFB21 / RFB22) + 0.9
CFB : fzfb = 1 /(2
×π×CFB1×RFB11) = 1kHz to 50kHz (12kHz usual)
fzfb = 1 /(2
×π×CFB2×RFB21) = 1kHz to 50kHz (12kHz usual).
Circuit 4
L1 : 22
μH (CDRH5D28 SUMIDA)
SD 1 : MA2Q737 (Schottky, MATSUSHITA)
CL 1 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
N-ch MOSFET : XP161A1355P (TOREX)
Circuit 5
L1 : 22
μH (CDRH5D28, SUMIDA) : XC9504B092A
15
μH (CDRH5D28, SUMIDA) : XC9504B093A
10
μH (CDRH5D28, SUMIDA) : XC9504B095A
SD 1 : MA2Q737 (Schottky, MATSUSHITA)
CL 1 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
N-ch MOSFET : XP161A1355P (TOREX)
Circuit 7
L2 : 22
μH (CDRH5D28, SUMIDA) : XC9504B092A
15
μH (CDRH5D28, SUMIDA) : XC9504B093A
10
μH (CDRH5D28, SUMIDA) : XC9504B095A
SD 2 : MA2Q737 (Schottky, MATSUSHITA)
CL 2 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
P-ch MOSFET : XP162A12A6P (TOREX)
1. PWM/PFM Automatic Switching
If PWM/PFM automatic switching control is selected and the step-up ratio is low (e.g., from 4.5 V to 5.0 V), the control
mode remains in PFM setting over the whole load range, since the duty ratio under continuous-duty condition is smaller
than the PFM duty ratio of the XC9504 series.
The output voltage's ripple voltage becomes substantially high under
heavy load conditions, with the XC9504 series appearing to be producing an abnormal oscillation.
If this operation
becomes a concern, set pins PWM to High to set the control mode to PWM setting.
For use under the
above-mentioned condition, measured data of PWM/PFM automatic switching control shown on the data sheets are
available up to IOUT = 100 mA.
2. Ratings
Use the XC9504 series and peripheral components within the limits of their ratings.
■EXTERNAL COMPONENTS USED FOR THE TEST CIRCUITS
■NOTE ON USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com