Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9504B092DAL Datasheet(PDF) 38 Page - Torex Semiconductor

Part # XC9504B092DAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAL Datasheet(HTML) 38 Page - Torex Semiconductor

Back Button XC9504B092DAL Datasheet HTML 34Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 35Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 36Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 37Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 38Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 39Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 40Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 41Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 42Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
38/53
XC9504 Series
XC9504B092 (180kHz)
0
100
200
300
400
024
68
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Supply Current vs. Supply Voltage
(9) Supply Current vs. Supply Voltage
(10) Supply Current 1-2 vs. Supply Voltage
(11) Supply Current 2 vs. Supply Voltage
(12) Standby Current vs. Supply Voltage
(13) Oscillation Frequency vs. Supply Voltage
XC9504B092 (180kHz)
0
100
200
300
400
500
02
4
6
8
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
XC9504B092 (180kHz)
0
100
200
300
400
02
4
6
8
10
Supply Voltage VDD (V)
XC9504B092 (180kHz)
0
100
200
300
400
0
2468
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
XC9504B092 (180kHz)
0
2
4
6
8
10
02
46
8
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
XC9504B092 (180kHz)
150
160
170
180
190
200
210
02
4
6
8
10
Supply Voltage VDD (V)
Topr=25℃
85℃
- 40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com