Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVP5146M2IPFPR Datasheet(PDF) 43 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 39Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 40Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 41Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 42Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 43Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 44Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 45Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 46Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
TVP5146M2
www.ti.com
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
Table 2-14. AFE Gain Control Register
Subaddress
01h
Default
0Fh
7
6
5
4
3
2
1
0
Reserved
1
1
AGC chroma
AGC luma
Bit 3:
1b must be written to this bit
Bit 2:
1b must be written to this bit
AGC chroma:
Controls automatic gain in the chroma/B/R/PbPr channel:
0 = Manual (if AGC luma is set to manual, AGC chroma is forced to be in manual)
1 = Enabled auto gain, applies a gain value acquired from the sync channel for S-Video and component mode. When AGC luma
is set, this state is valid (default).
AGC luma enable:
Controls automatic gain in the embedded sync channel of CVBS, S-Video, component video
0 = Manual gain, AFE coarse and fine gain frozen to the previous gain value set by AGC when this bit is set to 0.
1 = Enabled auto gain applied to only the embedded sync channel (default)
These settings affect only the analog front-end (AFE). The brightness and contrast controls are not affected by these settings.
Table 2-15. Video Standard Register
Subaddress
02h
Default
00h
7
6
5
4
3
2
1
0
Reserved
Video standard [2:0]
With the autoswitch code running, the user can force the decoder to operate in a particular video standard mode by writing the appropriate
value into this register. Changing these bits causes the register settings to be reinitialized.
Video standard [2:0]:
CVBS and S-Video
Component Video
000
Autoswitch mode (default)
Autoswitch mode (default)
001
(M, J) NTSC
Interlaced 525
010
(B, D, G, H, I, N) PAL
Interlaced 625
011
(M) PAL
Reserved
100
(Combination-N) PAL
Reserved
101
NTSC 4.43
Reserved
110
SECAM
Reserved
111
PAL 60
Reserved
Note: PAL 60 is not included in autoswitch mode.
Copyright
© 2005–2012, Texas Instruments Incorporated
Functional Description
43
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com