Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVP5146M2IPFPR Datasheet(PDF) 49 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 45Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 46Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 47Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 48Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 49Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 50Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 51Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 52Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
TVP5146M2
www.ti.com
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
Table 2-29. Component Y Contrast Register
Subaddress
11h
Default
80h
7
6
5
4
3
2
1
0
Y contrast [7:0]
Y contrast [7:0]:
This register works only with YPbPr component video. For RGB video, use the AFE gain registers.
0000 0000 = minimum
1000 0000 = default
1111 1111 = maximum
For component video outputs, the total luminance gain relative to the nominal luminance gain as a function of the Y contrast [7:0] is as
follows:
Y Gain = (nominal_luminance_gain)
× (Y contrast [7:0] / 128)
Table 2-30. Component Pb Saturation Register
Subaddress
12h
Default
80h
7
6
5
4
3
2
1
0
Pb saturation [7:0]
Pb saturation:
This register works only with YPbPr component video. For RGB video, use the AFE gain registers.
0000 0000 = minimum
1000 0000 = default
1111 1111 = maximum
For component video, the total Pb gain relative to the nominal Pb gain as a function of the Pb saturation [7:0] setting is as follows:
Pb Gain = (nominal_chrominance_gain)
× (Pb saturation [7:0] / 128)
Table 2-31. Component Y Brightness Register
Subaddress
14h
Default
80h
7
6
5
4
3
2
1
0
Y brightness [7:0]
Y brightness:
This register works only with YPbPr component video. For RGB video, use the AFE gain registers.
0000 0000 = minimum
1000 0000 = default
1111 1111 = maximum
For component video, the output black level relative to the nominal black level (64 out of 1024) as a function of Y brightness [7:0] is as
follows:
Black Level = nominal_black_level + (Y brightness [7:0]
– 128)
Copyright
© 2005–2012, Texas Instruments Incorporated
Functional Description
49
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com