Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVP5146M2IPFPR Datasheet(PDF) 91 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 91 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 87Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 88Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 89Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 90Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 91Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 92Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 93Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 94Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
TVP5146M2
www.ti.com
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
Table 2-121. VDP General Line Mode and Line Address Register
Subaddress
80 0600h - 80 0611h
Default line mode = FFh, line address = 00h
Subaddress
7
6
5
4
3
2
1
0
80 0600h
Line address 1
80 0601h
Line mode 1
80 0602h
Line address 2
80 0603h
Line mode 2
80 0604h
Line address 3
80 0605h
Line mode 3
80 0606h
Line address 4
80 0607h
Line mode 4
80 0608h
Line address 5
80 0609h
Line mode 5
80 060Ah
Line address 6
80 060Bh
Line mode 6
80 060Ch
Line address 7
80 060Dh
Line mode 7
80 060Eh
Line address 8
80 060Fh
Line mode 8
80 0610h
Line address 9
80 0611h
Line mode 9
Line address [7:0]:
Line number to be processed by a VDP set by a line mode register (default 00h)
Line mode x [7:0]
Bit 7
0 = Disabled filters
1 = Enabled filters for teletext and CC (null byte filter) (default)
Bit 6
0 = Send sliced VBI data to registers only
1 = Send sliced VBI data to FIFO and registers, teletext data only goes to FIFO (default)
Bit 5
0 = Allow VBI data with errors in the FIFO
1 = Do not allow VBI data with errors in the FIFO (default)
Bit 4
0 = Disabled error detection and correction
1 = Enabled error detection and correction (teletext only) (default)
Bit 3
0 = Field 1
1 = Field 2 (default)
Bit [2:0]
000 = Teletext (WST625, Chinese Teletext, NABTS 525)
001 = CC (US, European, Japan, China)
010 = WSS/CGMS (525, 625)
011 = VITC
100 = VPS (PAL only), Gemstar (NTSC only)
101 = USER 1
110 = USER 2
111 = Reserved (active video) (default)
Copyright
© 2005–2012, Texas Instruments Incorporated
Functional Description
91
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com