Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18345-I/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F18345-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345-I/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F18345-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 17Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 18Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 19Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 20Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 21Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 22Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 23Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 471 page
background image
PIC16(L)F18325/18345
DS40001795C-page 20
Preliminary
 2015-2016 Microchip Technology Inc.
RC3/ANC3/C1IN3-/C2IN3-/
MDMIN(1)/ CCP2(1)/CLCIN1(1)/
RC3
TTL/ST
CMOS
General purpose I/O.
ANC3
AN
―
ADC Channel C3 input.
C1IN3-
AN
―
Comparator C1 negative input.
C2IN3-
AN
―
Comparator C2 negative input.
MDMIN
TTL/ST
―
Modular Source input.
CCP2
TTL/ST
CMOS
Capture/Compare/PWM 2 input.
CLCIN1
TTL/ST
―
Configurable Logic Cell 1 input.
RC4/ANC4
RC4
TTL/ST
CMOS
General purpose I/O.
ANC4
AN
―
ADC Channel C4 input.
RC5/ANC5/MDCIN2(1)/CCP1(1)
RC5
TTL/ST
CMOS
General purpose I/O.
ANC5
AN
―
ADC Channel C5 input.
MDCIN2
TTL/ST
―
Modular Carrier input 2.
CCP1
TTL/ST
CMOS
Capture/Compare/PWM 1 input.
RC6/ANC6/SS1(1)
RC6
TTL/ST
CMOS
General purpose I/O.
ANC6
AN
―
ADC Channel C6 input.
SS1
TTL/ST
―
Slave Select 1 input.
RC7/ANC7
RC7
TTL/ST
CMOS
General purpose I/O.
ANC7
AN
―
ADC Channel C7 input.
VDD
VDD
Power
―
Positive supply.
VSS
VSS
Power
―
Ground reference.
TABLE 1-3:
PIC16(L)F18345 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input ST
= Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 13-2.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 13-2.
3:
These I2C functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com