Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18345-I/SS Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F18345-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345-I/SS Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F18345-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 44Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 46Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 47Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 48Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 49Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 471 page
background image
Banks 15-16
CPU CORE REGISTERS; see Table 4-2 for specifics
78Ch to
79FH
―
―
Unimplemented
―
―
80Ch to
81Fh
―
―
Unimplemented
―
―
Bank 17
88Ch
―
―
Unimplemented
―
―
88Dh
―
―
Unimplemented
―
―
88Eh
―
―
Unimplemented
―
―
88Fh
―
―
Unimplemented
―
―
890h
―
―
Unimplemented
―
―
891h
NVMADRL
NVMADR<7:0>
0000 0000
0000 0000
892h
NVMADRH
―
NVMADR<14:8>
1000 0000
1000 0000
893h
NVMDATL
NVMDAT<7:0>
0000 0000
0000 0000
894h
NVMDATH
―
―
NVMDAT<13:8>
--00 0000
--00 0000
895h
NVMCON1
―
NVMREGS
LWLO
FREE
WRERR
WREN
WR
RD
-000 x000
-000 q000
896h
NVMCON2
NVMCON2
0000 0000
0000 0000
897h
―
―
Unimplemented
―
―
898h
―
―
Unimplemented
―
―
899h
―
―
Unimplemented
―
―
89Ah
―
―
Unimplemented
―
―
89Bh
PCON0
STKOVF
STKUNF
―
RWDT
RMCLR
RI
POR
BOR
00-1 110q
qq-q qquu
89Ch to
89Fh
―
―
Unimplemented
―
―
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18325/18345.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com