Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18345-I/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F18345-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345-I/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F18345-I/SS Datasheet HTML 29Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 30Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 31Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 32Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 33Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 34Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 471 page
background image
Bank 1
CPU CORE REGISTERS; see Table 4-2 for specifics
08Ch
TRISA
—
—
TRISA5
TRISA4
—
TRISA2
TRISA1
TRISA0
--11 -111
--11 -111
08Dh
TRISB
X —
Unimplemented
—
—
— X
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
08Eh
TRISC
X —
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
— X
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
08Fh
—
—
Unimplemented
—
—
090h
PIE0
—
―
TMR0IE
IOCIE
—
—
—INTE
--00 ---0
--00 ---0
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
BCL1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
092h
PIE2
TMR6IE
C2IE
C1IE
NVMIE
SSP2IE
BCL2IE
TMR4IE
NCO1IE
0000 0000
0000 0000
093h
PIE3
OSFIE
CSWIE
TMR3GIE
TMR3IE
CLC4IE
CLC3IE
CLC2IE
CLC1IE
0000 0000
0000 0000
094h
PIE4
CWG2IE
CWG1IE
TMR5GIE
TMR5IE
CCP4IE
CCP3IE
CCP2IE
CCP1IE
0000 0000
0000 0000
095h
—
—
Unimplemented
—
—
096h
—
—
Unimplemented
—
—
097h
WDTCON
—
—
WDTPS<4:0>
SWDTEN
--01 0110
--01 0110
098h
—
—
Unimplemented
—
—
099h
—
—
Unimplemented
—
—
09Ah
—
—
Unimplemented
—
—
09Bh
ADRESL
ADRESL<7:0>
xxxx xxxx
uuuu uuuu
09Ch
ADRESH
ADRESH<7:0>
xxxx xxxx
uuuu uuuu
09Dh
ADCON0
CHS<5:0>
GO/DONE
ADON
0000 0000
0000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
0000 -000
0000 -000
09Fh
ADACT
—
—
—
ADACT<4:0>
---0 0000
---0 0000
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18325/18345.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com