Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18345-I/SS Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F18345-I/SS
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345-I/SS Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F18345-I/SS Datasheet HTML 72Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 73Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 74Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 75Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 76Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 77Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 78Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 79Page - Microchip Technology PIC16F18345-I/SS Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 471 page
background image
PIC16(L)F18325/18345
DS40001795C-page 76
Preliminary
 2015-2016 Microchip Technology Inc.
6.12
Power Control (PCON0) Register
The Power Control (PCON0) register contains flag bits
to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Reset Instruction Reset (RI)
•MCLR Reset (RMCLR)
• Watchdog Timer Reset (RWDT)
• Stack Underflow Reset (STKUNF)
• Stack Overflow Reset (STKOVF)
The PCON0 register bits are shown in Register 6-2.
Hardware will change the corresponding register bit
during the Reset process; if the Reset was not caused
by the condition, the bit remains unchanged
(Table 6-4).
Software should reset the bit to the inactive state after
the restart (hardware will not reset the bit).
Software may also set any PCON0 bit to the active
state, so that user code may be tested, but no Reset
action will be generated.
REGISTER 6-1:
BORCON: BROWN-OUT RESET CONTROL REGISTER
R/W-1/u
R/W-0-0
U-0
U-0
U-0
U-0
U-0
R-q/u
SBOREN(1)
Reserved
—
—
—
—
—
BORRDY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
SBOREN:
Software Brown-out Reset Enable bit(1)
If BOREN <1:0> in Configuration Words
 01:
SBOREN is read/write, but has no effect on the BOR.
If BOREN <1:0> in Configuration Words = 01:
1
=BOR Enabled
0
=BOR Disabled
bit 6
Reserved. Bit must be maintained as ‘0’.
bit 5-1
Unimplemented:
Read as ‘0’
bit 0
BORRDY:
Brown-out Reset Circuit Ready Status bit
1
= The Brown-out Reset circuit is active
0
= The Brown-out Reset circuit is inactive
Note 1:
BOREN<1:0> bits are located in Configuration Words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com