Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2831XMF/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM2831XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 28Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 29Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 30Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
J
C
JC
T
T
R
Power
F
-
=
J
A
JA
T
T
R
Power
q
-
=
T
R
Power
q
D
=
LM2831
www.ti.com
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
10.1.2 Thermal Definitions
TJ
Chip junction temperature
TA
Ambient temperature
RθJC
Thermal resistance from chip junction to device case
RθJA
Thermal resistance from chip junction to ambient air
Heat in the LM2831 due to internal power dissipation is removed through conduction and/or convection.
Conduction Heat transfer occurs through cross sectional areas of material. Depending on the material, the
transfer of heat can be considered to have poor to good thermal conductivity properties (insulator
vs. conductor).
Heat Transfer goes as:
Silicon
→ package → lead frame → PCB
Convection: Heat transfer is by means of airflow. This could be from a fan or natural convection. Natural
convection occurs when air currents rise from the hot device to cooler air.
Thermal impedance is defined as:
(31)
Thermal impedance from the silicon junction to the ambient air is defined as:
(32)
The PCB size, weight of copper used to route traces and ground plane, and number of layers within the PCB can
greatly effect RθJA. The type and number of thermal vias can also make a large difference in the thermal
impedance. Thermal vias are necessary in most applications. They conduct heat from the surface of the PCB to
the ground plane. Four to six thermal vias should be placed under the exposed pad to the ground plane if the
WSON package is used.
Thermal impedance also depends on the thermal properties of the application operating conditions (Vin, Vo, Io,
and so forth), and the surrounding circuitry.
10.1.2.1 Silicon Junction Temperature Determination Method 1
To accurately measure the silicon temperature for a given application, two methods can be used. The first
method requires the user to know the thermal impedance of the silicon junction to top case temperature.
Some clarification must be made before we go any further.
RθJC is the thermal impedance from all six sides of an IC package to silicon junction.
RΦJC is the thermal impedance from top case to the silicon junction.
In this data sheet we will use RΦJC so that it allows the user to measure top case temperature with a small
thermocouple attached to the top case.
RΦJC is approximately 30°C/Watt for the 6-pin WSON package with the exposed pad. Knowing the internal
dissipation from the efficiency calculation given previously, and the case temperature, which can be empirically
measured on the bench we have:
(33)
Therefore:
Tj = (RΦJC × PLOSS) + TC
(34)
From the previous example:
Tj = (RΦJC × PINTERNAL) + TC
(35)
Tj = 30°C/W × 0.189 W + TC
(36)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com